Electronic Components Datasheet Search
  English  ▼

X  

DS1852 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS1852 Datasheet HTML 14Page - Dallas Semiconductor DS1852 Datasheet HTML 15Page - Dallas Semiconductor DS1852 Datasheet HTML 16Page - Dallas Semiconductor DS1852 Datasheet HTML 17Page - Dallas Semiconductor DS1852 Datasheet HTML 18Page - Dallas Semiconductor DS1852 Datasheet HTML 19Page - Dallas Semiconductor DS1852 Datasheet HTML 20Page - Dallas Semiconductor DS1852 Datasheet HTML 21Page - Dallas Semiconductor DS1852 Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DS1852
18 of 25
Table 03h
Memory Location
(Table 3)
Name of Location
Function of Location
80h – 81h
88h – 89h
90h – 91h
98h – 99h
A0h – A1h
Temperature High Alarm
VCC High Alarm
Bin High Alarm
Pin High Alarm
Rin High Alarm
The value written to this location serves as the high alarm limit. Data
format is the same as the corresponding value (temperature, VCC, Bin,
Pin, Rin).
82h – 83h
8Ah – 8Bh
92h – 93h
9Ah – 9Bh
A2h – A3h
Temperature Low Alarm
VCC Low Alarm
Bin Low Alarm
Pin Low Alarm
Rin Low Alarm
The value written to this location serves as the low alarm limit. Data
format is the same as the corresponding value (temperature, VCC, Bin,
Pin, Rin).
84h – 85h
8Ch – 8Dh
94h – 95h
9Ch – 9Dh
A4h – A5h
Temp High Warning
VCC High Warning
Bin High Warning
Pin High Warning
Rin High Warning
The value written to this location serves as the high warning limit.
Data format is the same as the corresponding value (temperature,
VCC, Bin, Pin, Rin).
86h – 87h
8Eh – 8Fh
96h – 97h
9Eh – 9Fh
A6h – A7h
Temperature Low Warning
VCC Low Warning
Bin Low Warning
Pin Low Warning
Rin Low Warning
The value written to this location serves as the low warning limit.
Data format is the same as the corresponding value (temperature,
VCC, Bin, Pin, Rin).
B2h, Bah, C5h – C7h
Logic State Control
These should be left at the factory default values as shown in the
table to allow reading of the digital inputs from address 6Eh in Table
00h.
C8h – C9h
CAh – CBh
CCh – CDh
CEh - CFh
VCC – A/D Scale
Bin – A/D Scale
Pin – A/D Scale
Rin – A/D Scale
16 bits of gain adjustment for corresponding A/D conversion values.
D0h
Chip Address
This is the chip address used when pin ASEL is high (A2h default).
D3h – D6h
PW1 Byte 3 (D3h) MSB
PW1 Byte 2 (D4h)
PW1 Byte 1 (D5h)
PW1 Byte 0 (D6h) LSB
The four bytes are used for password 1 entry. The password entered
here will allow Level 1 access. Factory default is 00h.
D8h – DFh
Bin Fast Trip
These bytes define the fast-trip comparison over temperature.
E0h – E3h
Pin Fast Trip
These bytes define the fast-trip comparison over temperature.
E4h – E7h
Rin Fast Trip
These bytes define the fast-trip comparison over temperature.
E8h
Configuration Override
Byte
Location of the bits is defined in Table 03h expanded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com