Electronic Components Datasheet Search
  English  ▼

X  

DS1852 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS1852 Datasheet HTML 15Page - Dallas Semiconductor DS1852 Datasheet HTML 16Page - Dallas Semiconductor DS1852 Datasheet HTML 17Page - Dallas Semiconductor DS1852 Datasheet HTML 18Page - Dallas Semiconductor DS1852 Datasheet HTML 19Page - Dallas Semiconductor DS1852 Datasheet HTML 20Page - Dallas Semiconductor DS1852 Datasheet HTML 21Page - Dallas Semiconductor DS1852 Datasheet HTML 22Page - Dallas Semiconductor DS1852 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DS1852
19 of 25
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
-40°C to +125°C
Programming Temperature Range
0°C to +70°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See J-STD-020A specification
*This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +100°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
+2.7
+5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40°C to +100°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Current
ICC
1.0
mA
4
Digital Power-On
RESET
Vpod
2.0
V
Analog Power-On
RESET
Vpoa
2.0
2.5
V
Input Leakage (SDA,
SCL)
IIL
-1
+1
mA
12
Input Logic 1 (SDA,
SCL, ASEL)
VIH
0.7VCC
VCC +
0.3
V
Input Logic 0 (SDA,
SCL, ASEL)
VIL
GND -
0.3
0.3
VCC
V
Input Logic 1 (RSin,
Din, Fin, Lin)
VIH
1.5
VCC +
0.3
V
Input Logic 0 (RSin,
Din, Fin, Lin)
VIL
GND -
0.3
0.9
V
IOL1
0.4V
3
mA
Low Level Output
Current (SDA)
IOL2
0.6V
6
mA
I/O Capacitance
CI/O
10
pF
Input Resistance (RSin,
Din, Fin, Lin)
Ripu
to VCC
25
40
55
k
W
Input Resistance
(ASEL)
Ripd
to GND
25
40
55
k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com