Electronic Components Datasheet Search
  English  ▼

X  

DS1852 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS1852 Datasheet HTML 17Page - Dallas Semiconductor DS1852 Datasheet HTML 18Page - Dallas Semiconductor DS1852 Datasheet HTML 19Page - Dallas Semiconductor DS1852 Datasheet HTML 20Page - Dallas Semiconductor DS1852 Datasheet HTML 21Page - Dallas Semiconductor DS1852 Datasheet HTML 22Page - Dallas Semiconductor DS1852 Datasheet HTML 23Page - Dallas Semiconductor DS1852 Datasheet HTML 24Page - Dallas Semiconductor DS1852 Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DS1852
23 of 25
SCALING THE ADC
procedure writeTrimValue(trim :integer); (* write trim to part *)
procedure forceReference(Vin: real); (* applies reference voltage to input pin*)
procedure waitForNewConversion(); (* writes update byte to zero and waits for
update
of new conversion with present trim *)
function readValue():integer; (* reads converted digital answer *)
procedure ProgramTrim(trim :integer);(*enables EE for table3 & programs trim*)
Procedure calVad(maxInput :real)
var
Bit
:integer; (* counter - represents bininary bit 15-0*)
trim
:integer; (* present trim values *)
lsb
:real; (* the lsb value of the voltage reading *)
Vin
:real; (* the reference input voltage *)
Dec_in :integer; (* decimal representation of voltage input *)
Dec_out :integer; (* voltage reading in decimal *)
delta
:integer; (* present error of voltage reading *)
bestDelta
:integer; (* the error closest to zero *)
bestTrim
:integer; (* the trim that gave the best delta *)
Begin
bestDelta := 1000000;
bestTrim := 0;
trim := 4095; (* 0FFFh *)
lsb := maxInput / 65535;
Dec_in := 63888; (* input is ~97.5% of full scale *)
Vin := lsb * Dec_in;
forceReference(Vin);
(*Use SAR approach to trim course adjust on VAD scale bits 15-12*)
for Bit := 15 downto 11 do (* must go 1 bit too far so that zero is
possible solution *)
begin
if (Bit > 11) then
begin
trim := trim + lshft(1,Bit);
end;
writeTrimValue(trim);
waitForNewConversion;
Dec_out := readVoltage;
delta := Dec_out - Dec_in;
if ( delta >= 0 ) then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com