Electronic Components Datasheet Search
  English  ▼

X  

DS1852 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS1852
Description  Optical Transceiver Diagnostic Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1852 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS1852 Datasheet HTML 17Page - Dallas Semiconductor DS1852 Datasheet HTML 18Page - Dallas Semiconductor DS1852 Datasheet HTML 19Page - Dallas Semiconductor DS1852 Datasheet HTML 20Page - Dallas Semiconductor DS1852 Datasheet HTML 21Page - Dallas Semiconductor DS1852 Datasheet HTML 22Page - Dallas Semiconductor DS1852 Datasheet HTML 23Page - Dallas Semiconductor DS1852 Datasheet HTML 24Page - Dallas Semiconductor DS1852 Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
DS1852
22 of 25
NOTES
1) All voltages are referenced to ground.
2) This is the time for one comparison. The complete cycle is this value multiplied by 3.
3) Absolute voltage error for Bin, Pin, and Rin are valid from 0% to 98%.
4) ASEL = GND, SDA = SCL = Din = Fin = Lin = RSin = VCC.
5) The time to begin monitoring operations after VCC has risen above the analog minimum voltage.
6) After STOP command has been received. No acknowledges will be issued during this interval.
7) A fast mode device can be used in a standard mode system, but the requirement tSU:DAT > 250ns must
then be met. This will automatically be the case if the device does not stretch the low period of the
SCL signal. If such a device does stretch the low period of the SCL signal, it must output the next
data bit to the SDA line tRMAX + tSU:DAT = 1000 + 250 = 1250ns before the SCL line is released.
8) After this period, the first clock pulse is generated.
9) The maximum tHD:DAT has only to be met if the device does not stretch the low period (tLOW) of the
SCL signal.
10) A device must internally provide a hold time of at least 300ns for the SDA signal (see the VIH MIN of
the SCL signal) in order to bridge the undefined region of the falling edge of SCL.
11) C
B— total capacitance of one bus line in picofarads, timing referenced to 0.9VCC and 0.1VCC.
12) Input levels equal either VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com