Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 5 Page - Silicon Laboratories

  Si511 Datasheet HTML 1Page - Silicon Laboratories Si511 Datasheet HTML 2Page - Silicon Laboratories Si511 Datasheet HTML 3Page - Silicon Laboratories Si511 Datasheet HTML 4Page - Silicon Laboratories Si511 Datasheet HTML 5Page - Silicon Laboratories Si511 Datasheet HTML 6Page - Silicon Laboratories Si511 Datasheet HTML 7Page - Silicon Laboratories Si511 Datasheet HTML 8Page - Silicon Laboratories Si511 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Si510/511
Rev. 1.2
5
Table 2. Output Clock Frequency Characteristics
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Nominal Frequency
FO
CMOS, Dual CMOS
0.1
—
212.5
MHz
FO
LVDS/LVPECL/HCSL
0.1
—
250
MHz
Total Stability*
Frequency Stability Grade C
–30
—
+30
ppm
Frequency Stability Grade B
–50
—
+50
ppm
Frequency Stability Grade A
–100
—
+100
ppm
Temperature Stability
Frequency Stability Grade C
–20
—
+20
ppm
Frequency Stability Grade B
–25
—
+25
ppm
Frequency Stability Grade A
–50
—
+50
ppm
Startup Time
TSU
Minimum VDD until output
frequency (FO) within specification
——
10
ms
Disable Time
TD
FO  10 MHz
—
—
5
µs
FO <10MHz
—
—
40
µs
Enable Time
TE
FO  10 MHz
—
—
20
µs
FO <10MHz
—
—
60
µs
*Note:
Total stability includes initial accuracy, operating temperature, supply voltage change, load change, shock and vibration
(not under operation), and 10 years aging at 40 oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com