Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button Si511 Datasheet HTML 10Page - Silicon Laboratories Si511 Datasheet HTML 11Page - Silicon Laboratories Si511 Datasheet HTML 12Page - Silicon Laboratories Si511 Datasheet HTML 13Page - Silicon Laboratories Si511 Datasheet HTML 14Page - Silicon Laboratories Si511 Datasheet HTML 15Page - Silicon Laboratories Si511 Datasheet HTML 16Page - Silicon Laboratories Si511 Datasheet HTML 17Page - Silicon Laboratories Si511 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Si510/511
14
Rev. 1.2
3. Ordering Information
The Si510/511 supports a wide variety of options including frequency, stability, output format, and VDD. Specific
device configurations are programmed into the Si510/511 at time of shipment. Configurations can be specified
using the Part Number Configuration chart below. Silicon Labs provides a web browser-based part number
configuration utility to simplify this process. Refer to www.silabs.com/VCXOpartnumber to access this tool. The
Si510/511 XO series is supplied in industry-standard, RoHS compliant, lead-free, 3.2 x 5.0 mm and 5 x 7 mm
packages. Tape and reel packaging is an ordering option.
Figure 2. Part Number Syntax
Example orderable part number: 510ECB156M250AAG supports 2.5 V LVPECL, ±30 ppm total stability, OE active
low in 5 x 7 mm package across –40oC to 85oC temperature range. The output frequency is 156.25 MHz.
Note:
CMOS and Dual CMOS maximum frequency is 212.5 MHz.
A = Revision: A
G = Temp Range: -40°C to 85°C
R = Tape & Reel; Blank = Trays.
Series
Output Format
OE Pin
Package
510
CMOS
OE on pin 1
4-pin
510
LVPECL, LVDS, HCSL, Dual CMOS
OE on pin 2
6-pin
511
LVPECL, LVDS, HCSL, Dual CMOS
OE on pin 1
6-pin
X
X
AGR
51X
X XXXMXXX
X
1st Option Code:
Output Format
VDD
Output Format
X
X
AGR
51X
X XXXMXXX
X
VDD
Output Format
A
3.3V
LVPECL
B3.3V
LVDS
C3.3V
CMOS
D
33V
HCSL
3rd Option Code:
Output Enable
OE Polarity
A
OE Active High
Package Option
Dimensions
A
5x7 mm
D
3.3V
HCSL
E
2.5V
LVPECL
F2.5V
LVDS
G2.5V
CMOS
H
25V
HCSL
A
OE Active High
B
OE Active Low
2nd Option Code:
Frequency Stability
A
5 x 7 mm
B
3.2 x 5 mm
H
2.5V
HCSL
J1.8V
LVDS
K1.8V
CMOS
L
1.8V
HCSL
M
33V
Dl CMOS (I
h)
Frequency Code
F
Di ti
Frequency Stability
Total
Temperature
A
±100ppm
±50ppm
B±50ppm±25ppm
M
3.3V
Dual CMOS (In-phase)
N
3.3V
Dual CMOS (Complementary)
P
2.5V
Dual CMOS (In-phase)
Q
2.5V
Dual CMOS (Complementary)
Frequency
Description
Mxxxxxx
f
OUT < 1 MHz
xMxxxxx
1 MHz
f
OUT < 10 MHz
xxMxxxx
10 MHz
f
OUT < 100 MHz
50pp
5pp
C
±30ppm
±20ppm
R1.8V
Dual CMOS (In-phase)
S
1.8V
Dual CMOS (Complementary)
xxxMxxx
100 MHz
f
OUT < 250 MHz
xxxxxx
Code if frequency requires >6 digit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com