Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 1 Page - Silicon Laboratories

  Si511 Datasheet HTML 1Page - Silicon Laboratories Si511 Datasheet HTML 2Page - Silicon Laboratories Si511 Datasheet HTML 3Page - Silicon Laboratories Si511 Datasheet HTML 4Page - Silicon Laboratories Si511 Datasheet HTML 5Page - Silicon Laboratories Si511 Datasheet HTML 6Page - Silicon Laboratories Si511 Datasheet HTML 7Page - Silicon Laboratories Si511 Datasheet HTML 8Page - Silicon Laboratories Si511 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev. 1.2 7/15
Copyright © 2015 by Silicon Laboratories
Si510/511
Si510/511
C RYSTAL O SCILLATOR (XO) 100 kH Z TO 250 MH Z
Features
Applications
Description
The Si510/511 XO utilizes Silicon Laboratories' advanced DSPLL technology
to provide any frequency from 100 kHz to 250 MHz. Unlike a traditional XO
where a different crystal is required for each output frequency, the Si510/511
uses one fixed crystal and Silicon Labs’ proprietary DSPLL synthesizer to
generate any frequency across this range. This IC-based approach allows
the crystal resonator to provide enhanced reliability, improved mechanical
robustness, and excellent stability. In addition, this solution provides superior
supply noise rejection, simplifying low jitter clock generation in noisy
environments. Crystal ESR and DLD are individually production-tested to
guarantee performance and enhance reliability. The Si510/511 is factory-
configurable for a wide variety of user specifications, including frequency,
supply voltage, output format, output enable polarity, and stability. Specific
configurations are factory-programmed at time of shipment, eliminating long
lead times and non-recurring engineering charges associated with custom
frequency oscillators.
Functional Block Diagram
Supports any frequency from
100 kHz to 250 MHz
Low jitter operation
2 to 4 week lead times
Total stability includes 10-year
aging
Comprehensive production test
coverage includes crystal ESR and
DLD
On-chip LDO regulator for power
supply noise filtering
3.3, 2.5, or 1.8 V operation
Differential (LVPECL, LVDS,
HCSL) or CMOS output options
Optional integrated 1:2 CMOS
fanout buffer
Runt suppression on OE and
power on
Industry standard 5 x 7 and
3.2x 5 mm packages
Pb-free, RoHS compliant
–40
to 85 oC operation
SONET/SDH/OTN
Gigabit Ethernet
Fibre Channel/SAS/SATA
PCI Express
3G-SDI/HD-SDI/SDI
Telecom
Switches/routers
FPGA/ASIC clock generation
VDD
Any-Frequency
0.1 to 250 MHz
DSPLL
® Synthesis
Fixed
Frequency
Oscillator
CLK+
CLK–
OE
GND
Low Noise Regulator
Ordering Information:
See page 14.
Pin Assignments:
See page 12.
Si5602
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si510(LVDS/LVPECL/HCSL/
Dual CMOS)
Si510 (CMOS)
Si511(LVDS/LVPECL/HCSL/
Dual CMOS)
1
2
4
3
GND
VDD
CLK
OE
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE


Similar Part No. - Si511

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI511 SILABS-SI511 Datasheet
234Kb / 26P
CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
logo
Skyworks Solutions Inc.
SI511 SKYWORKS-SI511 Datasheet
615Kb / 31P
CRYSTAL OSCILLATOR (XO) 100 kHZ TO 250 MHZ
Rev. 1.4 October 29, 2021
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
Si5110 SILABS-Si5110 Datasheet
115Kb / 2P
Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
SI5110-BC SILABS-SI5110-BC Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
More results

Similar Description - Si511

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78840M SANYO-LC78840M Datasheet
229Kb / 11P
Four-times or Eight-times Oversampling Digital Filter
logo
List of Unclassifed Man...
YM3433B ETC-YM3433B Datasheet
1Mb / 9P
2 CHANNEL 8 TIMES OVERSAMPLING DIGITAL FILTER
logo
QUARTZCOM the communica...
MCO-6S-P QUARTZCOM-MCO-6S-P Datasheet
119Kb / 1P
SMD Clock Oscillator Programmable Short lead time for samples: 1 week max.
MCO-1S-P QUARTZCOM-MCO-1S-P Datasheet
123Kb / 1P
Programmable SMD Clock Oscillator HCMOS / TTL Short lead times for samples: < 1 week max.
logo
Continental Device Indi...
TO-220AC CDIL-TO-220AC Datasheet
379Kb / 6P
TO-220AC (2 Lead) Leaded Plastic Package
logo
XFMRS Inc.
3010 XFMRS-3010_15 Datasheet
32Kb / 2P
SHORT LEAD TIMES
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
Fast Access Times of 10 to 25ns
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
Fast response times
logo
Nuvoton Technology Corp...
NCT3941S NUVOTON-NCT3941S Datasheet
519Kb / 19P
4 Times Linear Fan Driver
logo
List of Unclassifed Man...
TC-240-NMH-X ETC1-TC-240-NMH-X Datasheet
57Kb / 1P
TIMES MICTOWAVE SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com