Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button Si511 Datasheet HTML 6Page - Silicon Laboratories Si511 Datasheet HTML 7Page - Silicon Laboratories Si511 Datasheet HTML 8Page - Silicon Laboratories Si511 Datasheet HTML 9Page - Silicon Laboratories Si511 Datasheet HTML 10Page - Silicon Laboratories Si511 Datasheet HTML 11Page - Silicon Laboratories Si511 Datasheet HTML 12Page - Silicon Laboratories Si511 Datasheet HTML 13Page - Silicon Laboratories Si511 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Si510/511
10
Rev. 1.2
Table 7. Output Clock Jitter and Phase Noise (CMOS, Dual CMOS (Complementary))
VDD = 1.8 V ±5%, 2.5 or 3.3 V ±10%, TA = –40 to +85 oC; Output Format = CMOS, Dual CMOS (Complementary)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Phase Jitter
(RMS)
φJ
1.875 MHz to 20 MHz integration
bandwidth2 (brickwall)
—0.25
0.35
ps
12 kHz to 20 MHz integration band-
width2 (brickwall)
—0.8
1.0
ps
Phase Noise,
156.25 MHz
φN100 Hz
—
–86
—
dBc/Hz
1 kHz
—
–108
—
dBc/Hz
10 kHz
—
–115
—
dBc/Hz
100 kHz
—
–123
—
dBc/Hz
1 MHz
—
–136
—
dBc/Hz
Spurious
SPR
LVPECL output, 156.25 MHz,
offset>10 kHz
—–75
—
dBc
Notes:
1.
Applies to output frequencies: 74.17582, 74.25, 75, 77.76, 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25,
212.5 MHz.
2.
Applies to output frequencies: 100, 106.25, 125, 148.35165, 148.5, 150, 155.52, 156.25, 212.5 MHz.
Table 8. Environmental Compliance and Package Information
Parameter
Conditions/Test Method
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solder Heat
MIL-STD-883, Method 2036
Moisture Sensitivity Level
MSL 1
Contact Pads
Gold over Nickel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com