Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 24 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button Si511 Datasheet HTML 18Page - Silicon Laboratories Si511 Datasheet HTML 19Page - Silicon Laboratories Si511 Datasheet HTML 20Page - Silicon Laboratories Si511 Datasheet HTML 21Page - Silicon Laboratories Si511 Datasheet HTML 22Page - Silicon Laboratories Si511 Datasheet HTML 23Page - Silicon Laboratories Si511 Datasheet HTML 24Page - Silicon Laboratories Si511 Datasheet HTML 25Page - Silicon Laboratories Si511 Datasheet HTML 26Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Si510/511
24
Rev. 1.2
DOCUMENT CHANGE LIST
Revision 0.9 to Revision 1.0
Updated Table 1 on page 4.

Updates to supply current typical and maximum values
for CMOS, LVDS, LVPECL and HCSL.

CMOS frequency test condition corrected to 100 MHz.

Updates to OE VIH minimum and VIL maximum values.
Updated Table 2 on page 5.

Dual CMOS nominal frequency maximum added.

Total stability footnotes clarified for 10 year aging at
40 °C.

Disable time maximum values updated.

Enable time parameter added.
Updated Table 3 on page 6.

CMOS output rise / fall time typical and maximum
values updated.

LVPECL/HCSL output rise / fall time maximum value
updated.

LVPECL output swing maximum value updated.

LVDS output common mode typical and maximum
values updated.

HCSL output swing maximum value updated.

Duty cycle minimum and maximum values tightened to
48/52%.
Updated Table 4 on page 7.

Phase jitter test condition and maximum value updated.

Phase noise typical values updated.

Additive RMS jitter due to external power supply noise
typical values updated.

Footnote 3 updated limiting the VDD to 2.5/3.3V
Added Tables 5, 6, 7 for LVDS, HCSL, CMOS, and
Dual CMOS operations.
Moved Absolute Maximum Ratings table.
Added note to Figure 2 clarifying CMOS and Dual
CMOS maximum frequency.
Updated Figure 10 outline diagram to correct pinout.
Revision 1.0 to Revision 1.1
Updated Table 3.

CMOS Output Rise/Fall Time Test Condition updated.
Revision 1.1 to Revision 1.2
Updated Table 3.

Separated LVPECL and HCSL output Rise/Fall time
specs.

Min Rise/Fall times added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com