Electronic Components Datasheet Search
  English  ▼

X  

Si511 Datasheet(PDF) 12 Page - Silicon Laboratories

Part # Si511
Description  2 to 4 week lead times
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si511 Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button Si511 Datasheet HTML 8Page - Silicon Laboratories Si511 Datasheet HTML 9Page - Silicon Laboratories Si511 Datasheet HTML 10Page - Silicon Laboratories Si511 Datasheet HTML 11Page - Silicon Laboratories Si511 Datasheet HTML 12Page - Silicon Laboratories Si511 Datasheet HTML 13Page - Silicon Laboratories Si511 Datasheet HTML 14Page - Silicon Laboratories Si511 Datasheet HTML 15Page - Silicon Laboratories Si511 Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Si510/511
12
Rev. 1.2
2. Pin Descriptions
*Supports integrated 1:2 CMOS buffer. See ordering information and section 2.1“Dual CMOS Buffer”.
Table 11. Si510 Pin Descriptions (CMOS)
Pin
Name
CMOS Function
1
OE
Output Enable. Includes internal pull-up for OE active high. Includes
internal pull-down for OE active low. See ordering information.
2
GND
Electrical and Case Ground.
3
CLK
Clock Output.
4
VDD
Power Supply Voltage.
Table 12. Si510 Pin Descriptions (LVPECL/LVDS/HCSL, Dual CMOS, OE Pin 2)
Pin
Name
LVPECL/LVDS/HCSL Function
1
NC
No connect. Make no external connection to this pin.
2
OE
Output Enable. Includes internal pull-up for OE active high. Includes
internal pull-down for OE active low. See ordering information.
3
GND
Electrical and Case Ground.
4
CLK+
Clock Output.
5
CLK–
Complementary Clock Output.
6
VDD
Power Supply Voltage.
Table 13. Si511 Pin Descriptions (LVPECL/LVDS/HCSL, Dual CMOS, OE Pin 1)
Pin
Name
LVPECL/LVDS/HCSL Function
1
OE
Output Enable. Includes internal pull-up for OE active high. Includes
internal pull-down for OE active low. See ordering information.
2
NC
No connect. Make no external connection to this pin.
3
GND
Electrical and Case Ground.
4
CLK+
Clock Output.
5
CLK–
Complementary Clock Output.
6
VDD
Power Supply Voltage.
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–*
NC
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–*
OE
Si510 (CMOS)
Si510 (LVDS/LVPECL/HCSL/Dual CMOS*)
Si511 (LVDS/LVPECL/HCSL/DualCMOS)*)
1
2
4
3
GND
VDD
CLK
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com