Electronic Components Datasheet Search
  English  ▼

X  

LMX2364TM Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364TM
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364TM Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LMX2364TM Datasheet HTML 21Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 22Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 23Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 24Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 25Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 26Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 27Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 28Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Programming Description (Continued)
2.3 R0 REGISTER
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0]
C2
C1
C0
R0
000
IF_
RST
IF_
CP
IF_
CPP
IF_R[14:0]
0
0
0
2.3.1 IF_R[14:0] — R Divider Ratio, IF Synthesizer
The R0 control word is used to configure the 15 Bit R Divider for the IF Synthesizer. Divide ratios ranging from 3 to 32,767 are
supported.
IF_R[14:0]
Divide
Ratio
14
13
12
11
10
987654321
0
3
00000000000001
1
4
00000000000010
0
•
••••••••••••••
•
32,767
11111111111111
1
2.3.2 IF_CPP — Charge Pump Polarity, IF Synthesizer
This bit controls the polarity of phase detector for the IF synthesizer. It should be set to “1” when the IF VCO has positive tuning
gain, and “0” when the tuning gain is negative.
2.3.3 IF_CP — Charge Pump Gain, IF Synthesizer
This bit controls the charge pump gain for the IF Synthesizer. Set this bit to 0 for low gain mode (100 uA) and a 1 for high gain
mode (800 uA). When FastLock mode is enabled, the charge pump gain is controlled by the FastLock circuit.
2.3.4 IF_RST — Counter Reset, IF Synthesizer
The IF Counter Reset enable bit when activated (IF_RST = 1) allows the reset of both the IF N and R dividers and sets the IF
charge pump to a TRI-STATE condition®. Upon powering up, the N counter resumes counting in "close" alignment with the R
counter. The maximum error is one prescaler cycle.
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com