Electronic Components Datasheet Search
  English  ▼

X  

LMX2364TM Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364TM
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364TM Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LMX2364TM Datasheet HTML 23Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 24Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 25Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 26Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 27Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 28Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 29Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 30Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Programming Description (Continued)
2.5 R2 REGISTER
The R2 Register is used to setup the FastLock circuitry for the IF synthesizer.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
DATA[20:0]
C2
C1
C0
R2
0000000
IF_TOC[13:0]
0
1
0
2.5.1 IF_TOC[13:0] — FastLock Timeout Counter, IF Synthesizer
The IF_TOC[13:0] word controls the operation of the IF FastLock circuitry as well as the function of the FLoutIF output pin. When
IF_TOC is set to a value between 0 and 3, the IF timeout counter is disabled and the FLoutIF pin operates as a general purpose
I/O pin. When IF_TOC is set to a value between 4 and 16383, the IF FastLock mode is enabled and FLoutIF is utilized as the IF
FastLock output pin. The value programmed into IF_TOC represents the number of phase comparison cycles that the IF
synthesizer will spend in the FastLock state.
IF_TOC[13:0]
FastLock Mode
FastLock Period
[CP Events]
FLoutIF Pin Functionality
0
Disabled
N/A
High Impedance
1
Disabled
N/A
Logic LOW State
2
Manual
N/A
Logic LOW State. Force IF Charge Pump to 800 µA
3
Disabled
3
Logic HIGH State
4
Enabled
4
FastLock
…
Enabled
…
FastLock
16,383
Enabled
16383
FastLock
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com