Electronic Components Datasheet Search
  English  ▼

X  

LMX2364TM Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364TM
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364TM Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button LMX2364TM Datasheet HTML 31Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 32Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 33Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 34Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 35Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 36Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 37Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 38Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 39Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
Supplemental Information (Continued)
3.5 RF PLL FASTLOCK REFERENCE TABLE
The table below shows most of the trade offs involved in
choosing a steady-state charge pump current (RF_CP), the
FastLock charge pump current (RF_CPF[1:0]), and the
Cycle Slip Reduction Factor CSR.
Parameter
Advantages to Choosing Smaller
Advantages to Choosing Larger
RF_CP
1. Allows capacitors in loop filter to be smaller
values making it easier to find physically
smaller components and components with
better dielectric properties.
Phase noise, especially within the loop
bandwidth of the system will be slightly worse
for lower charge pump currents. If the charge
pump gain is at least 4 mA, most of the
phase noise benefit will be realized.
2. Allows a larger loop bandwidth multiplier for
FastLock, or a higher cycle slip reduction
factor.
RF_CPF
The only reason not to always choose this to
16 mA is to make it such that no FastLock
resistor is required for FastLock. For 3rd and
4th order filters, it is not possible to keep the
filter perfectly optimized by simply switching in
a resistor for FastLock.
This allows the maximum possible benefit for
FastLock.
RF_CSR
Do not choose this any larger than necessary
to eliminate cycle slipping. Keeping this small
allows a larger loop bandwidth multiplier for
FastLock.
This will eliminate cycle slips better.
3.6 CAPACITOR DIELECTRIC CONSIDERATIONS
The LMX2364 has a high fractional modulus and high
charge pump gain for the lowest possible phase noise. One
consideration is that the reduced N value and higher charge
pump may cause the capacitors in the loop filter to become
larger in value. For larger capacitor values, it is common to
have a trade-off between capacitor dielectric quality and
physical size. Using film capacitors or NP0/CG0 capacitors
yields the best possible lock times, where as using X7R or
Z5R capacitors can increase lock time by 0 – 500%. In
general, designs with higher comparison frequencies tend to
be less succeptible to degradations in lock time due to
capacitor dielectric effects. Capacitor dielectrics have very
little impact on phase noise or spurs. Although the use of
lesser quality dielectric capacitors may be unavoidable in
many circumstances, allowing a larger footprint for the loop
filter capacitors, using a lower charge pump current, and
reducing the fractional modulus are all ways to reduce ca-
pacitor values.
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com