Electronic Components Datasheet Search
  English  ▼

X  

LMX2364TM Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364TM
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364TM Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LMX2364TM Datasheet HTML 31Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 32Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 33Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 34Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 35Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 36Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 37Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 38Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 39Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Supplemental Information (Continued)
3.3 DETERMINING THE THEORETICAL LOCK TIME
IMPROVEMENT AND FASTLOCK RESISTOR, R2
The loop bandwidth multiplier, K, is necessary in order to
determine the theoretical impact of FastLock/CSR on the
loop bandwidth and also which resistor should be switched
in parallel with the loop filter resistor R2. K = K_Kphi x
K_Fcomp where K is the loop gain multiplier K_Kphi and
K_Fcomp are the ratio of the FastLock currents and com-
parison frequencies to their steady state conditions. Note
that this should always be greater than or equal to one.
K_Fcomp is the ratio of the FastLock comparison frequency
to the steady state comparison frequency. If this ratio is less
than one, this implies that the CSR is being used.
When K is greater than one, is necessary to switch a Fast-
Lock resistor, R2’, in parallel with R2 in order to keep the
loop filter optimized and maintain the same phase margin.
After the PLL has achieved a frequency that is sufficiently
close to the desired frequency, the resistor R2’ is disengaged
and the charge pump current is and comparison frequency
are returned to normal. Of special concern is the glitch that is
caused when the resistor R2’ is disengaged. This glitch can
take up a significant portion of the lock time. The LMX2364
has enhanced switching circuitry to minimize this glitch and
therefore improve the lock time.
20050640
The change in loop bandwidth is dependent upon the loop
gain multiplier, K. The theoretical improvement in lock time is
given below, but the actual improvement will be less than this
due to the glitch that is caused by disengaging FastLock.
The theoretical improvement is given to show an upper
bound on what improvement is possible with FastLock. In
the case that K < 1, this implies the CSR is being engaged
and that the theoretical lock time will be degraded. However,
since this mode reduces or eliminates cycle slipping, the
actual lock time may be better in cases where the loop
bandwidth is small relative to the comparison frequency.
Realize that the theoretical lock time multiplier does not
account for the FastLock/CSR disengagement glitch, which
is most severe for larger values of K.
Loop Gain Multiplier,
K
FastLock Loop
Bandwidth/Steady
State Loop
R2’ Value
Theoretical Lock
Time Multiplier
1:8*
0.35
open
x 2.828
1:4*
0.50
open
x 2.000
1:2*
0.71
open
x 1.414
1:1
1.00
open
x 1.000
2:1
1.41
R2/0.41
x 0.707
4:1
2.00
R2
x 0.500
8:1
2.83
R2/1.83
x 0.354
16:1
4.00
R2/3.00
x 0.250
K:1
1/
* These modes of operation are generally not recommended
3.4 USING FASTLOCK AND CSR TO AVOID CYCLE
SLIPPING
In the case that the comparison frequency is very large ( ie.
70x)ofthe loop bandwidth, cycle slipping may occur when
an instantaneous phase error is presented to the phase
detector. This can be reduced by increasing the loop band-
width during frequency aquisition, decreasing the compari-
son frequency during frequency acquisition, or some combi-
nation of the these. If increasing the loop bandwidth during
frequency acquisition is not sufficient to reduce cycle slip-
ping, the LMX2364 also has a routine to decrease the com-
parison frequency.
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com