Electronic Components Datasheet Search
  English  ▼

X  

LMX2364TM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2364TM
Description  2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2364TM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2364TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 14Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 15Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 16Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 17Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 18Page - National Semiconductor (TI) LMX2364TM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
Input Impedance: OSCinIF Pin
CSP Package
TSSOP Package
20050655
20050658
OSCinIF Input Impedance (ohms)
Frequency
(MHz)
CSP Package
TSSOP Package
Powered Up
Powered Down
Powered Up
Powered Down
Real
Imaginary
Real
Imaginary
Real
Imaginary
Real
Imaginary
10
338
-2741
143
-3239
326
-2100
147
-2400
25
130
-1098
92
-1281
112
-909
84
-1100
50
97
-552
81
-645
86
-463
75
-538
75
89
-366
77
-428
81
-320
71
-372
100
84
-276
75
-322
81
-247
72
-284
110
83
-251
75
-292
82
-230
76
-261
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com