Electronic Components Datasheet Search
  English  ▼

X  

AMP01GSZ Datasheet(PDF) 4 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 4 Page - Analog Devices

  AMP01GSZ Datasheet HTML 1Page - Analog Devices AMP01GSZ Datasheet HTML 2Page - Analog Devices AMP01GSZ Datasheet HTML 3Page - Analog Devices AMP01GSZ Datasheet HTML 4Page - Analog Devices AMP01GSZ Datasheet HTML 5Page - Analog Devices AMP01GSZ Datasheet HTML 6Page - Analog Devices AMP01GSZ Datasheet HTML 7Page - Analog Devices AMP01GSZ Datasheet HTML 8Page - Analog Devices AMP01GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 3 of 29
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±15 V, RS = 10 kΩ, RL = 2 kΩ, TA = 25°C, unless otherwise noted.
Table 1.
Test Conditions/Comments
AMP01A
AMP01B
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
OFFSET VOLTAGE
Input Offset Voltage
VIOS
TA = 25°C
20
50
40
100
μV
−55°C ≤ TA ≤ +125°C
40
80
60
150
μV
Input Offset Voltage Drift
TCVIOS
−55°C ≤ TA ≤ +125°C
0.15
0.3
0.3
1.0
μV°C
Output Offset Voltage
VOOS
TA = 25°C
1
3
2
6
mV
−55°C ≤ TA ≤ +125°C
3
6
6
10
mV
Output Offset Voltage Drift
TCVOOS
RG = ∞
−55°C ≤ TA ≤ +125°C
20
50
50
120
μV/°C
Offset Referred to Input vs.
Positive Supply
PSR
V+ = +5 V to +15 V
G = 1000
120
130
110
120
dB
G = 100
110
130
100
120
dB
G = 10
95
110
90
100
dB
G = 1
75
90
70
80
dB
−55°C ≤ TA ≤ +125°C
G = 1000
120
130
110
120
dB
G = 100
110
130
100
120
dB
G = 10
95
110
90
100
dB
G = 1
75
90
70
80
dB
Offset Referred to Input vs.
Negative Supply
PSR
V− = −5 V to −15 V
G = 1000
105
125
105
115
dB
G = 100
90
105
90
95
dB
G = 10
70
85
70
75
dB
G = 1
50
65
50
60
dB
−55°C ≤ TA ≤ +125°C
G = 1000
105
125
105
115
dB
G = 100
90
105
90
95
dB
G = 10
70
85
70
75
dB
G = 1
50
85
50
60
dB
Input Offset Voltage Trim Range
VS = ±4.5 V to ±18 V1
±6
±6
mV
Output Offset Voltage Trim Range
VS = ±4.5 V to ±18 V1
±100
±100
mV
INPUT CURRENT
Input Bias Current
IB
TA = 25°C
1
4
2
6
nA
−55°C ≤ TA ≤ +125°C
4
10
6
15
nA
Input Bias Current Drift
TCIB
−55°C ≤ TA ≤ +125°C
40
50
pA/°C
Input Offset Current
IOS
TA = 25°C
0.2
1.0
0.5
2.0
nA
−55°C ≤ TA ≤ +125°C
0.5
3.0
1.0
6.0
nA
Input Offset Current Drift
TCIOS
−55°C ≤ TA ≤ +125°C
3
5
pA/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com