Electronic Components Datasheet Search
  English  ▼

X  

AMP01GSZ Datasheet(PDF) 18 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AMP01GSZ Datasheet HTML 14Page - Analog Devices AMP01GSZ Datasheet HTML 15Page - Analog Devices AMP01GSZ Datasheet HTML 16Page - Analog Devices AMP01GSZ Datasheet HTML 17Page - Analog Devices AMP01GSZ Datasheet HTML 18Page - Analog Devices AMP01GSZ Datasheet HTML 19Page - Analog Devices AMP01GSZ Datasheet HTML 20Page - Analog Devices AMP01GSZ Datasheet HTML 21Page - Analog Devices AMP01GSZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 17 of 29
POWER SUPPLY VOLTAGE (V)
–8
–7
0
0±5
±20
±10
±15
–4
–3
–2
–1
–6
–5
TA = +25°C
Figure 29. Negative Supply Current vs. Supply Voltage
150
–50
–75
–25
0
25
75
100
125
50
TEMPERATURE (°C)
6
0
5
4
3
2
1
VS = ±15V
Figure 30. Positive Supply Current vs. Temperature
150
–50
–75
–25
0
25
75
100
125
50
TEMPERATURE (°C)
–6
0
–5
–4
–3
–2
–1
VS = ±15V
VSENSE = VREF = 0V
Figure 31. Negative Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com