Electronic Components Datasheet Search
  English  ▼

X  

AMP01GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AMP01GSZ Datasheet HTML 7Page - Analog Devices AMP01GSZ Datasheet HTML 8Page - Analog Devices AMP01GSZ Datasheet HTML 9Page - Analog Devices AMP01GSZ Datasheet HTML 10Page - Analog Devices AMP01GSZ Datasheet HTML 11Page - Analog Devices AMP01GSZ Datasheet HTML 12Page - Analog Devices AMP01GSZ Datasheet HTML 13Page - Analog Devices AMP01GSZ Datasheet HTML 14Page - Analog Devices AMP01GSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 10 of 29
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
500 mW
Common-Mode Input Voltage
Supply voltage
Differential Input Voltage
RG ≥ 2 kΩ
±20 V
±10 V
Indefinite
−65°C to +150°C
RG ≤ 2 kΩ
Output Short-Circuit Duration
Storage Temperature Range
Operating Temperature Range
AMP01A, AMP01B
−55°C to +125°C
AMP01E, AMP01F
−25°C to +85°C
Lead Temperature (Soldering, 60 sec)
300°C
Dice Junction Temperature (TJ)
−65°C to +150°C
1 See Table 7 for maximum ambient temperature rating and derating factor
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 7. Thermal Resistance
Package Type
θJA
θJC
Unit
Q-18 (100°C max ambient)
70.4
10.2
mW/°C
RW-20
73.7
23.9
mW/°C
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com