Electronic Components Datasheet Search
  English  ▼

X  

AMP01GSZ Datasheet(PDF) 5 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 5 Page - Analog Devices

  AMP01GSZ Datasheet HTML 1Page - Analog Devices AMP01GSZ Datasheet HTML 2Page - Analog Devices AMP01GSZ Datasheet HTML 3Page - Analog Devices AMP01GSZ Datasheet HTML 4Page - Analog Devices AMP01GSZ Datasheet HTML 5Page - Analog Devices AMP01GSZ Datasheet HTML 6Page - Analog Devices AMP01GSZ Datasheet HTML 7Page - Analog Devices AMP01GSZ Datasheet HTML 8Page - Analog Devices AMP01GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AMP01
Data Sheet
Rev. E | Page 4 of 29
Test Conditions/Comments
AMP01A
AMP01B
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
INPUT
Input Resistance
RIN
Differential, G = 1000
1
1
GΩ
Differential, G ≤ 100
10
10
GΩ
Common mode, G = 1000
20
20
GΩ
Input Voltage Range
IVR
TA = 25°C2
±10.5
±10.5
V
−55°C ≤ TA ≤ +125°C
±10.0
±10.0
V
Common-Mode Rejection
CMR
VCM = ±10 V, 1 kΩ source
imbalance
G = 1000
125
130
115
125
dB
G = 100
120
130
110
125
dB
G = 10
100
120
95
110
dB
G = 1
85
100
75
90
dB
−55°C ≤ TA ≤ +125°C
G = 1000
120
125
110
120
dB
G = 100
115
125
105
120
dB
G = 10
95
115
90
105
dB
G = 1
80
95
75
90
dB
1 VIOS and VOOS nulling have minimal affect on TCVIOS and TCVOOS, respectively.
2 Refer to the Common-Mode Rejection section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com