Electronic Components Datasheet Search
  English  ▼

X  

AMP01GSZ Datasheet(PDF) 1 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 1 Page - Analog Devices

  AMP01GSZ Datasheet HTML 1Page - Analog Devices AMP01GSZ Datasheet HTML 2Page - Analog Devices AMP01GSZ Datasheet HTML 3Page - Analog Devices AMP01GSZ Datasheet HTML 4Page - Analog Devices AMP01GSZ Datasheet HTML 5Page - Analog Devices AMP01GSZ Datasheet HTML 6Page - Analog Devices AMP01GSZ Datasheet HTML 7Page - Analog Devices AMP01GSZ Datasheet HTML 8Page - Analog Devices AMP01GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Low Noise, Precision
Instrumentation Amplifier
Data Sheet
AMP01
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1999–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 50 μV maximum
Very low offset voltage drift: 0.3 μV/°C maximum
Low noise: 0.12 μV p-p (0.1 Hz to 10 Hz)
Excellent output drive: ±10 V at ±50 mA
Capacitive load stability: up to 1 μF
Gain range: 0.1 to 10,000
Excellent linearity: 16-bit at G = 1000
High CMR: 125 dB minimum (G = 1000)
Low bias current: 4 nA maximum
Can be configured as a precision op amp
Output-stage thermal shutdown
Available in die form
GENERAL DESCRIPTION
The AMP011 is a monolithic instrumentation amplifier
designed for high-precision data acquisition and instrumen-
tation applications. The design combines the conventional
features of an instrumentation amplifier with a high current
output stage. The output remains stable with high capacitance
loads (1 μF), a unique ability for an instrumentation amplifier.
Consequently, the AMP01 can amplify low level signals for
transmission through long cables without requiring an output
buffer. The output stage can be configured as a voltage or
current generator.
Input offset voltage is very low (20 μV), which generally
eliminates the external null potentiometer. Temperature changes
have minimal effect on offset; TCVIOS is typically 0.15 μV/°C.
Excellent low frequency noise performance is achieved with a
minimal compromise on input protection. The bias current is
very low, less than 10 nA over the military temperature range.
High common-mode rejection of 130 dB, 16-bit linearity at a
gain of 1000, and 50 mA peak output current are achievable
simultaneously. This combination takes the instrumentation
amplifier one step further towards the ideal amplifier.
AC performance complements the superb dc specifications. The
AMP01 slews at 4.5 V/μs into capacitive loads of up to 15 nF, settles
in 50 μs to 0.01% at a gain of 1000, and boasts a healthy 26 MHz
gain bandwidth product. These features make the AMP01 ideal
for high speed data acquisition systems.
The gain is set by the ratio of two external resistors over a range of
0.1 to 10,000. A very low gain temperature coefficient of 10 ppm/°C
is achievable over the whole gain range. Output voltage swing is
guaranteed with three load resistances: 50 Ω, 500 Ω, and 2 kΩ.
Loaded with 500 Ω, the output delivers ±13.0 V minimum. A
thermal shutdown circuit prevents destruction of the output
transistors during overload conditions.
The AMP01 can also be configured as a high performance
operational amplifier. In many applications, the AMP01 can be
used in place of op amp/power buffer combinations.
FUNCTIONAL BLOCK DIAGRAM
VIOS
NULL
RG
RS
VOOS
NULL
R1
47.5kΩ
R2
2.5kΩ
R4
2.5kΩ
R3
47.5kΩ
A1
A3
A2
Q1
Q2
250Ω
250Ω
–IN
+IN
REFERENCE
V+
+VOP
OUTPUT
–VOP
SENSE
V–
Figure 1.
1 Protected under U.S. Patents 4,471,321 and 4,503,381.


Similar Part No. - AMP01GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01GS AD-AMP01GS Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV.D
logo
List of Unclassifed Man...
AMP01GS ETC2-AMP01GS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AMP01GS-REEL AD-AMP01GS-REEL Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV.D
More results

Similar Description - AMP01GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
AMP01 AD-AMP01 Datasheet
244Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
Low Noise, Precision Instrumentation Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com