Electronic Components Datasheet Search
  English  ▼

X  

AMP01GSZ Datasheet(PDF) 22 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AMP01GSZ Datasheet HTML 18Page - Analog Devices AMP01GSZ Datasheet HTML 19Page - Analog Devices AMP01GSZ Datasheet HTML 20Page - Analog Devices AMP01GSZ Datasheet HTML 21Page - Analog Devices AMP01GSZ Datasheet HTML 22Page - Analog Devices AMP01GSZ Datasheet HTML 23Page - Analog Devices AMP01GSZ Datasheet HTML 24Page - Analog Devices AMP01GSZ Datasheet HTML 25Page - Analog Devices AMP01GSZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 21 of 29
If heavy output currents are expected and the load is situated
some distance from the amplifier, voltage drops due to track or
wire resistance cause errors. Voltage drops are particularly
troublesome when driving 50 Ω loads. Under these conditions,
the sense and reference terminals can be used to remote sense
the load, as shown in Figure 36. This method of connection
puts the I × R drops inside the feedback loop and virtually
eliminates the error. An unbalance in the lead resistances from
the sense and reference pins does not degrade CMR, but does
change the output offset voltage. For example, a large unbalance
of 3 Ω changes the output offset by only 1 mV.
DRIVING 50 Ω LOADS
Output currents of 50 mA are guaranteed into loads of up to
50 Ω and 26 mA into 500 Ω. In addition, the output is stable
and free from oscillation even with a high load capacitance.
The combination of these unique features in an instrumentation
amplifier allows low level transducer signals to be conditioned
and directly transmitted through long cables in voltage or current
form. Increased output current brings increased internal
dissipation, especially with 50 Ω loads. For this reason, the
power-supply connections are split into two pairs; Pin 10 and
Pin 13 connect to the output stage only, and Pin 11 and Pin 12
provide power to the input and following stages. Dual supply
pins allow dropper resistors to be connected in series with the
output stage so excess power is dissipated outside the package.
Additional decoupling is necessary between Pin 10 and Pin 13
to ground to maintain stability when dropper resistors are used.
Figure 37 shows a complete circuit for driving 50 Ω loads.
AMP01
+IN
–IN
RG
18
1
2
3
14
15
12
13
7
9
8
10
11
V–
V+
SENSE
REFERENCE
*
*
OUTPUT
GROUND
TWISTED
PAIRS
REMOTE
LOAD
IN4148 DIODES ARE OPTIONAL. DIODES LIMIT THE OUTPUT
VOLTAGE EXCURSION IF SENSE AND/OR REFERENCE LINES
BECOME DISCONNECTED FROM THE LOAD.
*
RS
Figure 36. Remote Load Sensing
+IN
–IN
RG
AMP01
14
15
12
13
7
9
8
10
11
18
1
2
3
RS
5kΩ
R1
130Ω
1W
C1
0.047µF
0.047µF
+15V
SENSE
REFERENCE
VOUT
±3V MAX
50Ω
LOAD
C2
0.047µF
R2
130Ω
1W
0.047µF
–15V
POWER BANDWIDTH, G = 100, 130kHz
POWER BANDWIDTH, G = 10, 200kHz
THD: ~0.04% AT 1kHz, 2V rms
VOLTAGE GAIN, G =
20
RS
RG
R1 AND R2 RESISTORS REDUCE IC DISSIPATION
Figure 37. Driving 50 Ω Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com