Electronic Components Datasheet Search
  English  ▼

X  

AMP01GSZ Datasheet(PDF) 16 Page - Analog Devices

Part # AMP01GSZ
Description  Low Noise, Precision Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01GSZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AMP01GSZ Datasheet HTML 12Page - Analog Devices AMP01GSZ Datasheet HTML 13Page - Analog Devices AMP01GSZ Datasheet HTML 14Page - Analog Devices AMP01GSZ Datasheet HTML 15Page - Analog Devices AMP01GSZ Datasheet HTML 16Page - Analog Devices AMP01GSZ Datasheet HTML 17Page - Analog Devices AMP01GSZ Datasheet HTML 18Page - Analog Devices AMP01GSZ Datasheet HTML 19Page - Analog Devices AMP01GSZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Data Sheet
AMP01
Rev. E | Page 15 of 29
10k
1k
100
10
LOAD RESISTANCE (Ω)
18
10
14
16
12
8
6
4
2
0
VS = ±15V
Figure 17. Maximum Output Voltage vs. Load Resistance
100k
1M
10k
1k
100
FREQUENCY (Hz)
30
10
20
25
15
RL = 2kΩ
5
0
VS = ±15V
Figure 18. Maximum Output Swing vs. Frequency
100k
10k
1M
1k
100
10
FREQUENCY (Hz)
100
10
1.0
0.1
0.01
0.001
G = 1000
G = 1
VS = ±15V
IOUT = 20mA p-p
Figure 19. Closed-Loop Output Impedance vs. Frequency
100k
10k
1M
1k
100
110
FREQUENCY (Hz)
80
0
40
60
20
–20
–40
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
TA = +25°C
Figure 20. Closed-Loop Voltage Gain vs. Frequency
10k
1k
100
10
FREQUENCY (Hz)
0.08
0.04
0.06
0.07
0.05
0.03
0.02
0.01
0
G = 1000
G = 100
G = 10
G = 1
VS = ±15V
RL = 600Ω
VOUT = 20V p-p
Figure 21. Total Harmonic Distortion vs. Frequency
1k
100
LOAD RESISTANCE (Ω)
0.02
0.01
10k
0
VS = ±15V
G = 100
f = 1kHz
VOUT = 20V p-p
Figure 22. Total Harmonic Distortion vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com