Electronic Components Datasheet Search
  English  ▼

X  

ICS950910 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS950910 Datasheet HTML 12Page - Integrated Circuit Systems ICS950910 Datasheet HTML 13Page - Integrated Circuit Systems ICS950910 Datasheet HTML 14Page - Integrated Circuit Systems ICS950910 Datasheet HTML 15Page - Integrated Circuit Systems ICS950910 Datasheet HTML 16Page - Integrated Circuit Systems ICS950910 Datasheet HTML 17Page - Integrated Circuit Systems ICS950910 Datasheet HTML 18Page - Integrated Circuit Systems ICS950910 Datasheet HTML 19Page - Integrated Circuit Systems ICS950910 Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Electrical Characteristics- PCICLK
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
1
33.33
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
V OH@MIN = 1.0 V
-33
V OH@MAX = 3.135 V
-33
VOL @MIN = 1.95 V
30
VOL @MAX = 0.4 V
38
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.8
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.6
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
52.4
55
%
Skew
tsk1
1
VT = 1.5 V
239
500
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
205
250
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH
1
Output Low Current
IOL
1
Electrical Characteristics- AGP
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
VOH = 1.0 V
-33
VOH = 3.135 V
-33
VOL = 1.95 V
30
VOL = 0.4 V
38
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.5
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.28
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
52.9
55
%
Skew
tsk1
1
VT = 1.5 V
40
500
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
113
250
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
IOH
1
Output Low Current
IOL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com