Electronic Components Datasheet Search
  English  ▼

X  

ICS950910 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS950910 Datasheet HTML 3Page - Integrated Circuit Systems ICS950910 Datasheet HTML 4Page - Integrated Circuit Systems ICS950910 Datasheet HTML 5Page - Integrated Circuit Systems ICS950910 Datasheet HTML 6Page - Integrated Circuit Systems ICS950910 Datasheet HTML 7Page - Integrated Circuit Systems ICS950910 Datasheet HTML 8Page - Integrated Circuit Systems ICS950910 Datasheet HTML 9Page - Integrated Circuit Systems ICS950910 Datasheet HTML 10Page - Integrated Circuit Systems ICS950910 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Byte 1: CPU Active/Inactive Register
(1 = enable, 0 = disable)
Byte 3: Active/Inactive Register
(1 = enable, 0 = disable)
Byte 2: PCI Active/Inactive Register
(1 = enable, 0 = disable)
Byte 4: Frequency Select Active/Inactive Register
(1 = enable, 0 = disable)
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B6
41
T
U
O
_
B
F)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
t
i
B-
1
z
H
M
8
4
=
1
z
h
M
4
2
=
0
,
8
4
_
4
2
L
E
S
5
t
i
B-
1
g
n
i
n
n
u
r
e
e
r
f
t
o
n
0
;
g
n
i
n
n
u
r
e
e
r
f
=
1
;
l
o
r
t
n
o
c
g
n
i
n
n
u
r
e
e
r
f
R
D
D
4
t
i
B6
51
1
F
E
R)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
t
i
B9
4
,
8
41
g
n
i
n
n
u
r
e
e
r
f
t
o
n
0
;
g
n
i
n
n
u
r
e
e
r
f
=
1
;
l
o
r
t
n
o
c
g
n
i
n
n
u
r
e
e
r
f
S
C
_
T
/
C
U
P
C
2
t
i
B8
1
2
K
L
C
P
G
A)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
t
i
B7
1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
K
L
C
P
G
A
0
t
i
B6
1
0
K
L
C
P
G
A)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B9
21
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
C
R
D
D
6
t
i
B0
11
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
F
_
K
L
C
I
C
P
5
t
i
B0
31
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
T
R
D
D
4
t
i
B1
31
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
C
R
D
D
3
t
i
B-
1
)
d
e
v
r
e
s
e
R
(
2
t
i
B2
31
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
T
R
D
D
1
t
i
B2
5
,
3
51
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
S
C
_
C
/
T
K
L
C
U
P
C
0
t
i
B9
4
,
8
41
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
S
C
_
C
/
T
K
L
C
U
P
C
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
X
3
S
F
d
e
h
c
t
a
L
6
t
i
B-
X
2
S
F
d
e
h
c
t
a
L
5
t
i
B-
X
1
S
F
d
e
h
c
t
a
L
4
t
i
B-
X
0
S
F
d
e
h
c
t
a
L
3
t
i
B0
21
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
z
H
M
8
4
2
t
i
B1
21
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
z
H
M
8
4
_
4
2
1
t
i
B-
-
)
d
e
v
r
e
s
e
R
(
0
t
i
B1
1
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
0
F
E
R
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B6
41
g
n
i
n
n
u
r
e
e
r
f
t
o
n
=
0
;
g
n
i
n
n
u
r
e
e
r
f
=
1
;
l
o
r
t
n
o
c
g
n
i
n
n
u
r
e
e
r
F
T
U
O
_
B
F
6
t
i
B8
11
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
6
K
L
C
I
C
P
5
t
i
B7
11
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
5
K
L
C
I
C
P
4
t
i
B5
11
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
4
K
L
C
I
C
P
3
t
i
B4
11
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
3
K
L
C
I
C
P
2
t
i
B2
11
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
2
K
L
C
I
C
P
1
t
i
B1
11
)
e
v
i
t
c
a
n
I
/
e
v
i
t
c
A
(
1
K
L
C
I
C
P
0
t
i
B2
5
,
3
51
g
n
i
n
n
u
r
e
e
r
f
t
o
n
=
0
;
g
n
i
n
n
u
r
e
e
r
f
=
1
;
l
o
r
t
n
o
c
g
n
i
n
n
u
r
e
e
r
F
C
/
T
K
L
C
U
P
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com