Electronic Components Datasheet Search
  English  ▼

X  

ICS950910 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS950910 Datasheet HTML 12Page - Integrated Circuit Systems ICS950910 Datasheet HTML 13Page - Integrated Circuit Systems ICS950910 Datasheet HTML 14Page - Integrated Circuit Systems ICS950910 Datasheet HTML 15Page - Integrated Circuit Systems ICS950910 Datasheet HTML 16Page - Integrated Circuit Systems ICS950910 Datasheet HTML 17Page - Integrated Circuit Systems ICS950910 Datasheet HTML 18Page - Integrated Circuit Systems ICS950910 Datasheet HTML 19Page - Integrated Circuit Systems ICS950910 Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
48
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
48
55
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
VOH = 1.0 V
-29
VOH = 3.135 V
-23
VOL = 1.95 V
29
VOL = 0.4 V
27
48MHz Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.25
2
ns
48MHz Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.27
2
ns
24MMz Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
11.26
2
ns
24MHz Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
11.28
2
ns
48 MHz Duty Cycle
dt1
1
VT = 1.5 V
45
52.5
55
%
48MHz Duty Cycle
dt1
1
VT = 1.5 V
45
51.4
55
%
48 MHz Jitter
tjcyc-cyc
1
VT = 1.5 V
124
350
ps
24MHz Jitter
tjcyc-cyc
1
VT = 1.5 V
111
350
ps
1Guaranteed by design, not 100% tested in production.
** USB is 180 degrees phase different to DOT
mA
mA
Output High Current
IOH
1
Output Low Current
IOL
1
Electrical Characteristics - REF
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
14.32
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
VOH = 1.0 V
-29
VOH = 3.135 V
-23
mA
VOL = 1.95 V
29
VOL = 0.4 V
27
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
11.92
4
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
11.92
4
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
54.1
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
245
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH
1
Output Low Current
IOL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com