Electronic Components Datasheet Search
  English  ▼

X  

ICS950910 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS950910 Datasheet HTML 6Page - Integrated Circuit Systems ICS950910 Datasheet HTML 7Page - Integrated Circuit Systems ICS950910 Datasheet HTML 8Page - Integrated Circuit Systems ICS950910 Datasheet HTML 9Page - Integrated Circuit Systems ICS950910 Datasheet HTML 10Page - Integrated Circuit Systems ICS950910 Datasheet HTML 11Page - Integrated Circuit Systems ICS950910 Datasheet HTML 12Page - Integrated Circuit Systems ICS950910 Datasheet HTML 13Page - Integrated Circuit Systems ICS950910 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Byte 14: Spread Spectrum Control Register
Byte 15: Output Divider Control Register
Byte 13: Spread Spectrum Control Register
Byte 16: Output Divider Control Register
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B7
S
SX
d
a
e
r
p
s
e
h
t
m
a
r
g
o
r
p
ll
i
w
t
i
b
)
0
:
2
1
(
m
u
r
t
c
e
p
S
d
a
e
r
p
S
e
h
T
e
h
t
n
o
d
e
s
a
b
d
e
t
a
l
u
c
l
a
c
e
b
o
t
s
d
e
e
n
t
n
e
c
e
r
p
d
a
e
r
p
S
.
e
g
a
t
n
e
c
e
r
p
d
a
e
r
p
s
d
n
a
t
n
u
o
m
a
g
n
i
d
a
e
r
p
s
,
e
l
i
f
o
r
p
g
n
i
d
a
e
r
p
s
,
y
c
n
e
u
q
e
r
f
O
C
V
d
a
e
r
p
s
r
o
f
e
r
a
w
t
f
o
s
S
C
I
e
s
u
o
t
d
e
d
n
e
m
m
o
c
e
r
s
i
t
I
.
y
c
n
e
u
q
e
r
f
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
n
o
r
e
w
o
p
t
l
u
a
f
e
D
.
g
n
i
m
m
a
r
g
o
r
p
6
t
i
B6
S
SX
5
t
i
B5
S
SX
4
t
i
B4
S
SX
3
t
i
B3
S
SX
2
t
i
B2
S
SX
1
t
i
B1
S
SX
0
t
i
B0
S
SX
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
Bd
e
v
r
e
s
e
RX
d
e
v
r
e
s
e
R
6
t
i
Bd
e
v
r
e
s
e
RX
d
e
v
r
e
s
e
R
5
t
i
Bd
e
v
r
e
s
e
RX
d
e
v
r
e
s
e
R
4
t
i
B2
1
S
SX
2
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
3
t
i
B1
1
S
SX
1
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
2
t
i
B0
1
S
SX
0
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
1
t
i
B9
S
SX
9
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
0
t
i
B8
S
SX
8
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B3
v
i
D
P
G
A0
4
e
s
e
h
t
a
i
v
d
e
r
u
g
i
f
n
o
c
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
P
G
A
o
t
r
e
f
e
r
e
l
b
a
t
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
s
t
i
b
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
1
e
l
b
a
T
6
t
i
B2
v
i
D
P
G
A1
5
t
i
B1
v
i
D
P
G
A0
4
t
i
B0
v
i
D
P
G
A1
3
t
i
Bd
e
v
r
e
s
e
R-
d
e
v
r
e
s
e
R
2
t
i
Bd
e
v
r
e
s
e
R-
1
t
i
Bd
e
v
r
e
s
e
R-
0
t
i
Bd
e
v
r
e
s
e
R-
t
i
Be
m
a
ND
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B3
v
i
D
U
P
C0
a
i
v
d
e
r
u
g
i
f
n
o
c
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
T
/
C
K
L
C
U
P
C
r
e
f
e
r
e
l
b
a
t
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
s
t
i
b
4
e
s
e
h
t
.
r
e
d
i
v
i
d
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
1
e
l
b
a
T
o
t
6
t
i
B2
v
i
D
U
P
C1
5
t
i
B1
v
i
D
U
P
C0
4
t
i
B0
v
i
D
U
P
C1
3
t
i
B3
v
i
D
U
P
C0
d
e
r
u
g
i
f
n
o
c
e
b
n
a
c
o
i
t
a
r
r
e
d
i
v
i
d
k
c
o
l
c
S
C
_
C
/
T
K
L
C
U
P
C
e
l
b
a
t
n
o
i
t
c
e
l
e
s
r
e
d
i
v
i
d
r
o
F
.
y
ll
a
u
d
i
v
i
d
n
i
s
t
i
b
4
e
s
e
h
t
a
i
v
S
F
d
e
h
c
t
a
l
s
i
p
u
r
e
w
o
p
t
a
t
l
u
a
f
e
D
.
1
e
l
b
a
T
o
t
r
e
f
e
r
.
r
e
d
i
v
i
d
2
t
i
B2
v
i
D
U
P
C1
1
t
i
B1
v
i
D
U
P
C0
0
t
i
B0
v
i
D
U
P
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com