Electronic Components Datasheet Search
  English  ▼

X  

ICS950910 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950910 Datasheet HTML 2Page - Integrated Circuit Systems ICS950910 Datasheet HTML 3Page - Integrated Circuit Systems ICS950910 Datasheet HTML 4Page - Integrated Circuit Systems ICS950910 Datasheet HTML 5Page - Integrated Circuit Systems ICS950910 Datasheet HTML 6Page - Integrated Circuit Systems ICS950910 Datasheet HTML 7Page - Integrated Circuit Systems ICS950910 Datasheet HTML 8Page - Integrated Circuit Systems ICS950910 Datasheet HTML 9Page - Integrated Circuit Systems ICS950910 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Byte 0: Functionality and frequency select register (Default=0)
Notes:
1. Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
t
i
B
n
o
i
t
p
i
r
c
s
e
D
D
W
P
t
i
B
)
4
:
7
,
2
(
2
t
i
B
7
t
i
B6
t
i
B5
t
i
B4
t
i
B
K
L
C
U
P
C
z
H
M
K
L
C
P
G
A
z
H
M
K
L
C
I
C
P
z
H
M
%
d
a
e
r
p
S
1
e
t
o
N
3
S
F2
S
F1
S
F0
S
F
000
00
0
0
.
2
0
10
0
.
8
60
0
.
4
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
000
0
1
0
0
.
5
0
10
0
.
0
70
0
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
000
1
0
0
0
.
8
0
10
0
.
2
70
0
.
6
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
000
11
0
0
.
1
1
10
0
.
4
70
0
.
7
2d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
00
1
0
0
0
0
.
4
1
10
0
.
6
70
0
.
8
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
00
1
0
1
0
0
.
7
1
10
0
.
8
70
0
.
9
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
00
1
1
0
0
0
.
0
2
10
0
.
0
80
0
.
0
4d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
00
1
1
1
0
0
.
3
2
10
0
.
2
80
0
.
1
4d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
0
0
0
0
0
.
6
2
10
0
.
2
70
0
.
6
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
0
0
1
0
0
.
0
3
10
3
.
4
70
1
.
7
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
0
1
0
0
9
.
3
3
15
9
.
6
68
4
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
0
1
1
0
0
.
0
4
10
0
.
0
70
0
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
1
0
0
0
0
.
4
4
10
0
.
2
70
0
.
6
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
1
0
1
0
0
.
8
4
10
0
.
4
70
0
.
7
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
1
1
0
0
0
.
2
5
10
0
.
6
70
0
.
8
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
01
1
1
1
0
0
.
6
5
10
0
.
8
70
0
.
9
3d
a
e
r
p
S
r
e
t
n
e
C
%
0
3
.
0
-
/
+
10
0
0
0
0
0
.
5
0
10
0
.
0
70
0
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
10
0
0
1
0
0
.
0
4
10
0
.
0
70
0
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
10
0
1
0
0
0
.
0
1
20
0
.
0
70
0
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
10
0
1
1
9
9
.
4
7
10
0
.
0
70
0
.
5
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
10
1
0
0
0
0
.
0
84
3
.
3
56
6
.
6
2d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
10
1
0
1
6
6
.
6
0
14
3
.
3
56
6
.
6
2d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
10
1
1
0
0
0
.
0
6
14
3
.
3
56
6
.
6
2d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
10
1
1
1
3
3
.
3
3
14
3
.
3
56
6
.
6
2d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
111
00
0
0
.
0
0
17
6
.
6
63
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
111
0
1
3
3
.
3
3
17
6
.
6
63
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
111
1
0
0
0
.
0
0
27
6
.
6
63
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
111
11
6
6
.
6
6
17
6
.
6
63
3
.
3
3d
a
e
r
p
S
r
e
t
n
e
C
%
3
.
0
11
0
0
0
0
0
.
0
0
17
6
.
6
63
3
.
3
3d
a
e
r
p
S
n
w
o
D
%
6
.
0
-
0
11
0
0
1
3
3
.
3
3
17
6
.
6
63
3
.
3
3d
a
e
r
p
S
n
w
o
D
%
6
.
0
-
0
11
0
1
0
0
0
.
0
0
27
6
.
6
63
3
.
3
3d
a
e
r
p
S
n
w
o
D
%
6
.
0
-
0
11
0
1
1
6
6
.
6
6
17
6
.
6
63
3
.
3
3d
a
e
r
p
S
n
w
o
D
%
6
.
0
-
0
3
t
i
B
s
t
u
p
n
i
d
e
h
c
t
a
l
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
7
,
2
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
e
l
b
a
n
e
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
-
0
s
t
u
p
t
u
o
ll
a
e
t
a
t
s
i
r
T
-
1
0
Mode Pin - Power Management Input Control
6
n
i
P
,
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
6
2
n
i
P8
1
n
i
P8
n
i
P
0
#
D
P
)
t
u
p
n
I
(
#
P
O
T
S
_
U
P
C
)
t
u
p
n
I
(
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
1
#
T
E
S
E
R
)
t
u
p
t
u
O
(
5
K
L
C
I
C
P
)
t
u
p
t
u
O
(
2
P
G
A
)
t
u
p
t
u
O
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com