Electronic Components Datasheet Search
  English  ▼

X  

ICS950910 Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS950910
Description  Programmable Timing Control Hub for P4
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950910 Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS950910 Datasheet HTML 12Page - Integrated Circuit Systems ICS950910 Datasheet HTML 13Page - Integrated Circuit Systems ICS950910 Datasheet HTML 14Page - Integrated Circuit Systems ICS950910 Datasheet HTML 15Page - Integrated Circuit Systems ICS950910 Datasheet HTML 16Page - Integrated Circuit Systems ICS950910 Datasheet HTML 17Page - Integrated Circuit Systems ICS950910 Datasheet HTML 18Page - Integrated Circuit Systems ICS950910 Datasheet HTML 19Page - Integrated Circuit Systems ICS950910 Datasheet HTML 20Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS950910
0735A—03/18/04
Power Down Waveforms
Note
1. After PD# is sampled active (Low) for 2 consective rising edges of CPUCLKs, all
the output clocks are driven Low on their next High to Low tranistiion.
2. Power-up latency <3ms.
3. Waveform shown for 100MHz
VCO Internal
0ns
12
25ns
50ns
CPU 100MHz
3.3V 66MHz
PCI 33MHz
PD#
REF 14.318MHZ
48MHZ
Group Offset Waveforms
Cycl e R epeats
0ns
CPU 66MHz
CPU 100MHz
CPU 133MHz
3.5V 66MHz
PCI 33MHz
APIC 16.7MHz
REF 14.318MHz
USB 48MHz
10ns
20ns
30ns
40ns
Group Skews at Common Transition Edges
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CPU408 to CPUCS
CPU
50% to 1.25V
0
250
ps
CPU Open Drain to CPUCS
CPU
50% to 1.25V
0
75
250
CPUCS to PCI
SCPU-PCI
1.25 to 1.5V
0
2.8
4
ns
CPU408 to PCI
SCPU-PCI
1.25 to 1.5V
0
3.8
4
ns
AGP to PCI
SAGP-PCI
1.5 to 1.5V
1.5
2.87
3.5
ns
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com