Electronic Components Datasheet Search
  English  ▼

X  

PDB-N Datasheet(PDF) 12 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 12 Page - ETAL Group

Back Button PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group PDB-N Datasheet HTML 10Page - ETAL Group PDB-N Datasheet HTML 11Page - ETAL Group PDB-N Datasheet HTML 12Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
www.e-t-a.de
12
Remote Control Interface RCI10 ControlPlex® Rack
1623
7
Fig. 1: Function IP-reset by pressing the reset button with LED
Dimensions
Front RCI10
Legal references and licences
http://www.e-t-a.de/Licenses
reset
button
green
green
green
blue
status
LED
approx 3 s
30 s
10 s
max.
5 s
1.5
13
Outside the shown area
free of components
status LED green
momentary switch
Contacting area
of connector
15.6
11.6
67.7
22.25
27.2
62.1
2.8
RGB
status LED
RJ45 / Ethernet
engagement
nose
momentary switch /
reset
label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com