Electronic Components Datasheet Search
  English  ▼

X  

PDB-N Datasheet(PDF) 1 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 1 Page - ETAL Group

  PDB-N Datasheet HTML 1Page - ETAL Group PDB-N Datasheet HTML 2Page - ETAL Group PDB-N Datasheet HTML 3Page - ETAL Group PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.e-t-a.de
1
ControlPlex® Rack
1623
7
Description – Power-D-Box®
The
ControlPlex® Rack is an intelligent and remotely controlla-
ble 2U power distribution system made of aluminium in a closed
housing, protected against brush contact featuring an extremely
compact design. The system has been especially designed for the
selective protection of systems with minus supply (DC -48 V or
DC -60 V) which are widely used in communication engineering. In
order to avoid voltage dips of switch-mode power supplies in the
event of overload or short circuit, protection is effected by means of
intelligent, short-circuit current limited electronic circuit protectors.
The plug-in type terminal design of the loads and the design allowing
extension in operation help to significantly reduce installation and
maintenance time.
Order number
PDB Power-D-Box® 19" (supplied standard), with ETSI
reversible flange – 19"
Protected pole
N Negative pole protected
Module
CP ControlPlex-Rack
xx
Number of load channels (total)
A non-redundant design
R redundant design (two supply entries, with
main and load terminals on the rear)
Main terminals
R on the rear
F on the front
load terminals
R on the rear
F on the front
Version
A BUS
PDB - N - CP 18
R- R R - A ordering example
Benefits
l
Designed for plug-in type electronic circuit protectors type
ESX300-S with short-circuit limitation and extended status
indication, expandable in operation.
Current per load channel 2 A...24 A
l
Extremely compact installation depth 175 mm with terminals on
the front and 205 mm with rear-side terminals
l
With slot for signalling or control interface sub-assembly
l
Use of industrially manufactured power distribution modules –
protected against brush contact
l
Supplied with blind covers
l
Other versions available on request, e.g. with back-up fuses, various
terminal connectors and cross sections, customised marking etc.
ControlPlex® Rack:
PDB –N– CP 09 A–RR-A: Supply current max. 150 A
Load current max. 30 A with 9 load channels
PDB –N– CP 09 A–FF-A: Supply current max. 100 A
Load current max. 30 A with 9 load channels
PDB –N– CP 09 A–RF-A: Supply current max. 150 A,
Load current max. 30 A with 9 load channels
PDB –N– CP 19 A–RR-A: Supply current max. 200 A
Load current max. 30 A with 19 load channels
PDB –N– CP 18 R–RR-A: Supply current max. 2 x 150 A
Load current max. 30 A with 2 x 9 load channels
Preferred types
Technical data (Tamb = 25 °C, UB = DC -48 V)
Application:
Modular power distribution system for
short circuit current limited DC -48 V /
DC -60 V applications
19"
Power-D-Box®
Length: 84 HP (462.72 mm)
Height: 2U (88.90 mm)
Material: aluminium
Plug-in type circuit
protectors
ESX300-S – 300 – xx A
(with ELBus® interface)
Plug-in type group
signalling interface
Plug-in type control
interface
RSI10-xxx-A
or
RCI10-xxx-A
Rated voltage
DC -48 V…-60 V
Total current
- 2x150 A with redundant design and
line entry on the rear
- 200 A with non-redundant design
and double line entry on the rear
- 100 A with non-redundant design
and line entry on the front
Ambient temperature
-20 °C to +60 °C (without condensation)
Supply terminals
Terminal on the rear: screw terminals,
cable cross section 16 mm²...50 mm²
Terminals on the front: screw terminals,
cable cross section 4 mm²...25 mm²
Load terminals
Terminal on the rear:
plug-in type 2-pole screw terminals with
mating connector, cable cross section
0.5 mm²...6 mm²
Terminals on the front:
plug-in type 3-pole high current SUB-D
connector, cable cross section
2.5 mm²...10 mm², mating connector
(not supplied with product): see
accessories
Ground terminal
M6 studs, always on the rear
Humidity
96 hours at 95% RH,
40 °C, to IEC 60068-2-78,
climate class 3K3 to EN60721
EMC
EN 61000-6-2 / EN 61000-6-3
Vibration
3 g to IEC 60068-2-6,
Mass
approx. 2.5 kg
Conformity
CE, EN60950-1


Similar Part No. - PDB-N

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
PDB-N-CP18A-FF-A2 E-T-A-PDB-N-CP18A-FF-A2 Datasheet
3Mb / 9P
INTELLIGENT POWER DISTRIBUTION SYSTEMS CP Power-D-Box® for ControlPlex® Rack
PDB-N-CP18A-FR-A2 E-T-A-PDB-N-CP18A-FR-A2 Datasheet
3Mb / 9P
INTELLIGENT POWER DISTRIBUTION SYSTEMS CP Power-D-Box® for ControlPlex® Rack
PDB-N-CP18A-RF-A2 E-T-A-PDB-N-CP18A-RF-A2 Datasheet
3Mb / 9P
INTELLIGENT POWER DISTRIBUTION SYSTEMS CP Power-D-Box® for ControlPlex® Rack
PDB-N-CP18A-RR-A2 E-T-A-PDB-N-CP18A-RR-A2 Datasheet
3Mb / 9P
INTELLIGENT POWER DISTRIBUTION SYSTEMS CP Power-D-Box® for ControlPlex® Rack
PDB-N-CP18R-FF-A2 E-T-A-PDB-N-CP18R-FF-A2 Datasheet
3Mb / 9P
INTELLIGENT POWER DISTRIBUTION SYSTEMS CP Power-D-Box® for ControlPlex® Rack
More results

Similar Description - PDB-N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
logo
Texas Instruments
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
48 V Input DC-DC Converter Modules
logo
List of Unclassifed Man...
ATCA-H8314 ETC2-ATCA-H8314 Datasheet
871Kb / 2P
Dual -48 V DC power entry modules
logo
Texas Instruments
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
48-V INPUT ISOLATED DC/DC CONVERTER
logo
Schneider Electric
140CPS41400 SCHNEIDER-140CPS41400 Datasheet
123Kb / 4P
power supply module Modicon Quantum - 48..60 V DC - summable
Apr 12, 2022
140CPS42400 SCHNEIDER-140CPS42400 Datasheet
123Kb / 4P
power supply module Modicon Quantum - 48..60 V DC - redundant
Apr 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com