Electronic Components Datasheet Search
  English  ▼

X  

PDB-N Datasheet(PDF) 2 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 2 Page - ETAL Group

  PDB-N Datasheet HTML 1Page - ETAL Group PDB-N Datasheet HTML 2Page - ETAL Group PDB-N Datasheet HTML 3Page - ETAL Group PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.e-t-a.de
2
ControlPlex® Rack
1623
7
Schematic diagram – non-redundant design
Schematic diagram – redundant design
A1-
-X3
-X3
-X3-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
-X3
A1+
A-
A+
signalling
A (optional)
A2-A2+
A3-A3+
A4-A4+
A5-
load outputs A
supply A
non-redundant design
A5+A6- A6+A7- A7+A8- A8+A9- A9+A10- A10+
A12- A12+
A13- A13+
A14- A14+
A15- A15+
A16- A16+
A17- A17+
A18- A18+
A19- A19+
A11- A11+
1
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
111
2
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
-X2
-X1
2
1
2
SI
A1-
-X3
A1+
A-
A+
signalling
A (optional)
signalling
B (optional)
A2-A2+
A3-A3+
A4-A4+
A5-
load outputs A
supply A
redundant design
supply B
load outputs B
A5+A6- A6+A7- A7+A8- A8+A9- A9+B1-
-X6
B1+
B-
B+
B2-B2+
B3-B3+
B4-B4+
B5-B5+
B6-B6+
B7-B7+
B8-B8+
B9-B9+
1
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
1111
11
2
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
ESX300-S
E-T-A
SI
LOAD-
SI
LINE-
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
FAULT
OK
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
SI
LINE-
ESX300-S
E-T-A
12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
212142 12 14
21214
-X2
-X1
2
1
2
1
2
1
-X5
-X4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com