Electronic Components Datasheet Search
  English  ▼

X  

PDB-N Datasheet(PDF) 9 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 9 Page - ETAL Group

Back Button PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group PDB-N Datasheet HTML 10Page - ETAL Group PDB-N Datasheet HTML 11Page - ETAL Group PDB-N Datasheet HTML 12Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.e-t-a.de
9
Remote Signalling Interface RSI10 ControlPlex® Rack
1623
7
Remote Signalling Interface RSI10 ControlPlex® Rack
Table 1 Operating conditions and LED indication
operating state
circuit protector
ESX300-S-3xx
load output
circuit protector
ESX300-S-3xx
LED status RSI10
sub-assembly
auxiliary contact
RSI10 sub-assembly
group signal
“NC contact”
status RSI10
sub-assembly
no error -> OFF
locked
green
open
normal operation
normal operation
connected
green
open
normal operation
error undervoltage with
device in OFF condition
(15V < U <37V)
locked
green
closed
normal operation
error undervoltage with
device in OFF condition
(U > 72V)
locked
green
closed
normal operation
overcurrent error detected
(I > IN < 1.2 x IN); over-
current failure has to be
detected for approx. 30
sec before disconnection
is effected
connected
green
open
normal operation
error - overcurrent or short
circuit disconnection
locked
green
closed
normal operation
error undervoltage
(15 V < U < 37 V)
connected
green
closed
normal operation
error overvoltage
(72 V < U < 75 V)
connected
green
closed
normal operation
error: no voltage
locked
OFF (green)1
closed
normal operation1
error high temperature
locked
green
closed
normal operation
----------
----------
green
closed
no ESX200-S circuit
protector
check if ESX300-S-3xx
bus version is plugged in
----------
----------
red
closed
internal RSI10 error or
internal bus error
----------
----------
5 sec blue
open
one new circuit protector
ESX300-S was identified
1 In a redundant system with two supply voltages the green LED lights if only one voltage supply fails, otherwise the RSI10 sub-assembly is
dead-voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com