Electronic Components Datasheet Search
  English  ▼

X  

PDB-N Datasheet(PDF) 5 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 5 Page - ETAL Group

  PDB-N Datasheet HTML 1Page - ETAL Group PDB-N Datasheet HTML 2Page - ETAL Group PDB-N Datasheet HTML 3Page - ETAL Group PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.e-t-a.de
5
ESX300S for ControlPlex® Rack
1623
7
ControlPlex® Rack
Description – ESX300S
Technical data (Tamb = 25 °C, UB = DC -48 V)
The electronic circuit protector
ESX300-S has been designed for
protection and monitoring systems in telecommunications. Focus
application of this device is the minus switching of loads widely
used in telecommunications in power supply systems with rated
voltage DC -48 V and DC -60 V. The additionally available overcurrent
protection, realised by means of electronic current limitation and
electronic disconnection, reliably prevents the destruction of
electronic sub-assemblies or load lines by overload or short circuit. In
addition, the electronic current limitation helps to prevent high
currents flowing in the event of a short circuit, which could cause
undesired voltage dips and lead to system crashes.
Major applications are power distribution systems in telecommuni-
cations engineering. The electronic circuit protectors type ESX300-S
are fitted into 19" or ETSI racks and are available in various current
ratings from 2 A to 24 A.
Benefits
l
Availability on the highest level due to the reduction of the failure
probability
l
Increasing the reliability of the systems (selectivity)
l
Hazard reduction by active and remotely controlled disconnection
of equipment, triggered by warning messages such as fire and/
or water (optional)
l
Decreasing fire hazard by selective disconnection
l
Reliable disconnection even with long cable lengths
l
Reduced maintenance because of remotely controllable power
reset – no maintenance on site required
l
Integral fail-safe-element
l
Status indication by LEDs
l
BUS-interface (optional)
Order number
Operating data
Operating voltage
DC -48 V and DC -60 V (-37...-72 V)
Current rating range IN
2 A / 5 A / 8 A / 12 A / 16 A / 20 A / 24 A
Power consumption I0
typically 16 mA
Trip current
typically 1.2 x IN
Low voltage monitoring
factory setting:
type DC -36 V
Excess voltage
monitoring
factory setting:
type DC -73 V
Load circuit
Load output
power MOSFET switching output (minus
switching), no physical isolation
Mounting position
vertical
Cooling
convection cooling
Trip times
typically <20 ms at short circuit
typically <30 sec. at overcurrent
Temperature
disconnection
typically at Tamb = 105 °C
Inductive load
external free wheeling diode recom-
mended
Capacitive load
max. 7.000µF see table 2
Auxiliary circuit (option)
Contact
potential-free contact, break contact
Max. switching voltage
DC 72 V
Max. switching current
1 A
Rupture capacity
60 W / 62.5 VA
Control interface (option)
Interface type ESX300-S ELBus® interface
General data
Ambient temperature
-20 °C...+60 °C without condensation
see EN50240-1
Storage temperature
-20 °C...+70 °C
Back-up fuse
not required due to integral fail-safe
element.
Leakage current in the
off state
typically 1 mA
Terminals
blade terminals
DIN 46244-A 6.3-0.8 and 2.8- 0.5
Style
rack without enclosure
Degree of protection
IP00 DIN 40050
EMC requirements
to EN 61000-6-3 &
EN 61000-6-2
ESD
4 kV/air 8 kV
Humidity
96 hours at 95% RH,
40 °C, to IEC 60068-2-78,
climate class 3K3 to EN60721
Vibration
3 g to IEC 60068-2-6,
Approvals
CE logo
to EN 61000-6-3 &
EN 61000-6-2 and UL 2367
Mass
typically 50 g
Type
ESX300 Electronic circuit protector
Version
S Standard, pluggable (front plate, without housing)
Interfaces
1 Signalling potential-free change-over contact just for
PDB-N-CPxxx-xx-S
3 ELBus® interface
Voltage range
0 DC Minus 37 V – 72 V
Additional functions
0 Without additional functions
Rated current
2 A
5 A
8 A
12 A
16 A
20 A
24 A
ESX300 - S-
3
0
0 - 24 A Ordering example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com