Electronic Components Datasheet Search
  English  ▼

X  

PDB-N Datasheet(PDF) 10 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 10 Page - ETAL Group

Back Button PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group PDB-N Datasheet HTML 10Page - ETAL Group PDB-N Datasheet HTML 11Page - ETAL Group PDB-N Datasheet HTML 12Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
www.e-t-a.de
10
Remote Control Interface RCI10 ControlPlex® Rack
1623
7
Description – Remote control interface
The Remote Control Interface RCI10 has been designed for the con-
nection of the
ControlPlex® Rack system to an superordinate control
and monitoring unit. The Ethernet connection with integral SNMP
protocol provides ease of implementation to a centralised management
system. In addition the system can be controlled and monitored via
a web browser surface. The RCI10 sub-assembly allows access to
all installed ESX300-S circuit protectors by means of an internal bus
system and can query or buffer individual measuring data, status
conditions and fault indications and forward them to the superordi-
nate control unit. In addition connected loads can be switched ON or
OFF, either remotely or manually or in dependance of the data values.
Major applications are in centralised control units of decentralised
system, e.g. in telecommunications engineering. The Remote Control
Interface type RCI10 can be extended in operation in the
Power-D-Box®
(hot plug-and-play).
Order numbering code
RCI Remote Control Interface
10 Standard, pluggable (front plate, without housing)
Internal interfaces
0
with EL-BUS interface (standard)
Voltage range (supply)
0
DC 20 V – DC 75 V
External interfaces
0
Ethernet with RJ45 connection
Software protocols
A IPv4, IPv6, SNMP v1, v2c, v3, http,
https, SSH v2
RCI 10 - 0
0
0 - A ordering example
Benefits
l
Extendable in operation in the
ControlPlex® Rack (hot plug & play)
l
Early detection of errors with connected electronic assemblies by
continuous recording of measuring data
l
Ease of network connection through standard Ethernet
l
Hazard reduction by active and remote disconnection of equipment,
triggered by warning messages such as fire and/or water
l
Reduced maintenance because of remotely controllable power
reset – no maintenance on site required
l
Integral software update function via network
l
Recording and evaluation of electrical consumption values
Technical data (Tamb = 25 °C, UB = DC 48 V)
Operating data
Operating voltage range
UB
DC 20 V...DC 75 V
(
Power-D-Box® input voltage)
Dielectric strength
DC 100 V for 1 ms
Current consumption
typically 80 mA at DC 48 V operating
voltage
Power consumption
typically 3 W
Max. power consumption 5 W
Interfaces and protocols
Internal connection
ELBus®/ power, 20-pole pcb connector
External connection
10 / 100 Mbit/s, 10 Base-T Ethernet,
RJ45-connection sleeve for standard
network cable of category Cat-5, type
“Shielded Twisted Pair”
http / https (Hypertext
Transfer Protocol)
Supported browser types
integral web server
internet explorer v9, Mozilla Firefox
v28.8.1, Google Chrome v26.0
SNMP v1, v2c, v3 -
protocol
protocol for integration into a
management system
SNMP-MIB (management
information base)
file: CP-RCIxx_SNMP-MIB_Vxx.mib
SSH v2 (Secure Shell)
system configuration and safety settings
Recommended SSH v2
terminal programme
LePutty© 1997-2006 Simon Tathman
NTP (Network Time
Protocol)
automatic time synchronisation via an
NTP server
IP protocol (internet pro-
tocol)
IPv4 and IPv6 address formats are
supported
DHCP-Server (Dynamic
Host Config. Protocol)
is supported, allows automatic
assigment of network parameters
such as the IP address
System data
Processor
ARM Cortex A5
L1 Cache
2 x 32 KByte
Operating system
Linux Kernel, OpenEmbedded
Volatile storage
256 Mbyte
Non-volatile storage
128 Kbyte + 8 Mbyte
Status indication / momentary switch (function see table 1)
Status-LED
multicoloured (red, green, blue)
Reset momentary switch system reset; reset IP address to factory
settings
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost effective-
ness, the right to make changes in these specifications without notice is reserved. Product
markings may not be exactly as the ordering codes. Errors and omissions excepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com