Electronic Components Datasheet Search
  English  ▼

X  

PDB-N Datasheet(PDF) 8 Page - ETAL Group

Part # PDB-N
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N Datasheet(HTML) 8 Page - ETAL Group

Back Button PDB-N Datasheet HTML 4Page - ETAL Group PDB-N Datasheet HTML 5Page - ETAL Group PDB-N Datasheet HTML 6Page - ETAL Group PDB-N Datasheet HTML 7Page - ETAL Group PDB-N Datasheet HTML 8Page - ETAL Group PDB-N Datasheet HTML 9Page - ETAL Group PDB-N Datasheet HTML 10Page - ETAL Group PDB-N Datasheet HTML 11Page - ETAL Group PDB-N Datasheet HTML 12Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.e-t-a.de
8
Remote Signalling Interface RSI10 ControlPlex® Rack
1623
7
Description – Remote Signalling Interface
Typical applications of the Remote Signalling Interface RSI10 include the
potential-free signalling of alarms of the ESX300-S electronic circuit pro-
tectors with bus interface used in the
ControlPlex® Rack system (type:
ESX300-S-3xx).
The competitive edge of this sub-assembly is its compatibility for future
system extensions with the remote control and monitoring module RCI10.
When using the RSI10 sub-assembly, the electronic circuit protectors do
no longer have to be replaced in the event of a possible system exten-
sion when operating the
ControlPlex® Rack with group signalling. Other
advantages include an additional visual failure indication by means of
the integral tricoloured LED and the well-known plug-and-play capability.
Major applications are in centralised control units of decentralised
systems, e.g. in telecommunications engineering. The RSI10 Remote
Signalling Interface can be extended in operation in 19” racks or ETSI
racks (hot plug-and-play).
Order number
RSI Remote Signalling Interface
10 Standard, steckbar (Frontplatte, ohne Gehäuse)
Interfaces
(intern)
0
mit EL-BUS Schnittstelle (Standard)
Voltage range (supply)
0
DC 20 V – DC 72 V
Interfaces
(external)
0
potentialfreier Gruppensignalanschluss
Anschlusstechnik
A 2 x 3 polig, Schraubklemmen
steckbar
RSI 10 - 0
0
0 - A Ordering example
Benefits
l
Installation in
ControlPlex® Rack without system downtimes (hot
plug & play)
l
Complete compatibility for future
ControlPlex® Rack extensions
l
No need to replace electronic circuit protectors in the event of
future automation by means of RCI10 module
l
No system failures in the event of future automation by means of
RCI10 module
l
Early failure detection due external alarm
l
Enhanced alarm indication on site by means of integral LED
l
Potential-free split-up group signalisation with contact terminals
accessible from the front
Technical data (Tamb = 25 °C, UB = DC 48 V)
Operating data
Operating voltage UB
DC 20 V...DC 75 V
(
Power-D-Box® input voltage)
Dielectric strength
DC 100 V for 1 ms
Current consumption1
typically 25 mA at DC 48 V operating
voltage
Power input1
typically 1.2 W
Interfaces and connection technology
Internal interface
ELBus®/ power, 20-pole pcb connector
External terminals
two plug-in type 3-pole screw terminals with
mating connector
Auxiliary circuit (alarm contacts)
Contact
potential-free change-over contact
Max. switching voltage
DC 72 V
Max. switching current
1 A
Rupture capacity
60 W / 62.5 VA
Status indication / momentary switch (function see table 1)
Status LED
multicoloured (red, green, blue)
General data
Mounting position
vertical
Design
rack without enclosure
Front plate mounting
rack guidance with catch mechanism in
the front plate
Operating temperature
-20...+60 °C (without condensation, cf.
EN 60204-1)
Storage temperature
-20...+70 °C
Humidity
96 hrs / 95 % RH / 40 °C to
IEC 60068-2-78, test Cab.
climate class 3K3 to EN 60721
Vibration
3 g to IEC 60068-2-6
Degree of protection
IP00 DIN 40050
EMC requirements
to EN 61000-6-3 & EN 61000-6-2
ESD
4kV / air 8kV
Insulation co-ordination
(IEC 60934)
0,6 kV/ pollution degree 2
reinforced insulation at operating area
Approvals
CE logo to EN 61000-6-3 & EN 61000-6-2
Conformity
EN60950-1 / UL60950-1 compliant
(when installed in PDB)
Mass
approx 60 g
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost effective-
ness, the right to make changes in these specifications without notice is reserved. Product
markings may not be exactly as the ordering codes. Errors and omissions excepted.
12
1,5
33,4
11,6
22,25
27,2
67,7
15,6
3
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com