Electronic Components Datasheet Search
  English  ▼

X  

HMC7043LP7FE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 4 Page - Analog Devices

  HMC7043LP7FE Datasheet HTML 1Page - Analog Devices HMC7043LP7FE Datasheet HTML 2Page - Analog Devices HMC7043LP7FE Datasheet HTML 3Page - Analog Devices HMC7043LP7FE Datasheet HTML 4Page - Analog Devices HMC7043LP7FE Datasheet HTML 5Page - Analog Devices HMC7043LP7FE Datasheet HTML 6Page - Analog Devices HMC7043LP7FE Datasheet HTML 7Page - Analog Devices HMC7043LP7FE Datasheet HTML 8Page - Analog Devices HMC7043LP7FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Data Sheet
HMC7043
Rev. B | Page 3 of 43
SPECIFICATIONS
VCC = 3.3 V ± 5%, and TA = 25°C, unless otherwise noted. Minimum and maximum values are given over the full VCC and TA (−40°C to
+85°C) variation, as listed in Table 1.
CONDITIONS
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE, VCC
VCC1_CLKDIST
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for CLK distribution
VCC2_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 2 and
Output Channel 3
VCC3_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 4, Output
Channel 5, Output Channel 6 and Output Channel 7
VCC4_CLKIN
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for the clock input path
VCC5_SYSREF
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for the common SYSREF divider
VCC6_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 8, Output
Channel 9, Output Channel 10, and Output Channel 11
VCC7_OUT
3.135
3.3
3.465
V
3.3 V ± 5%, supply voltage for Output Channel 0, Output
Channel 1, Output Channel 12, and Output Channel 13
TEMPERATURE
Ambient Temperature Range, TA
−40
+25
+85
°C
1 Maximum values are guaranteed by design and characterization.
SUPPLY CURRENT
For detailed test conditions, see Table 17 and Table 18.
Table 2
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT CONSUMPTION3
VCC1_CLKDIST
87
125
mA
VCC2_OUT4
90
250
mA
Typical value is given at TA = 25°C with two LVDS clocks at divide by 8
VCC3_OUT4
52
500
mA
Typical value is given at 25°C with two LVDS high performance clocks,
fundamental frequency of the clock input (fO), two SYSREF clocks (off )
VCC4_CLKIN
16
25
mA
Typical value is given at TA = 25°C with RF synchronization (RFSYNC) input
buffer off
VCC5_SYSREF
23
35
mA
Typical value is given at TA = 25°C with internal RF SYNC path off
VCC6_OUT4
90
500
mA
Typical value is given at 25°C with two LVDS high performance clocks at
divide by 2, two SYSREF clocks (off )
VCC7_OUT4
100
500
mA
Typical value is given at 25°C with two LVDS clocks at divide by 8, two SYSREF
clocks (off )
Total Current
458
mA
1 Maximum values are guaranteed by design and characterization.
2 Currents include LVDS termination currents.
3 Maximum values are for all circuits enabled in their worst case power consumption mode, PVT variations, and accounting for peak current draw during temporary
synchronization events.
4 Typical specification applies to a normal usage profile (Profile 1 in Table 17) but very low duty cycle currents (sync events) and some optional features are disabled.
This specification assumes output configurations as described in the test conditions/comments column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com