Electronic Components Datasheet Search
  English  ▼

X  

HMC7043LP7FE Datasheet(PDF) 20 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 16Page - Analog Devices HMC7043LP7FE Datasheet HTML 17Page - Analog Devices HMC7043LP7FE Datasheet HTML 18Page - Analog Devices HMC7043LP7FE Datasheet HTML 19Page - Analog Devices HMC7043LP7FE Datasheet HTML 20Page - Analog Devices HMC7043LP7FE Datasheet HTML 21Page - Analog Devices HMC7043LP7FE Datasheet HTML 22Page - Analog Devices HMC7043LP7FE Datasheet HTML 23Page - Analog Devices HMC7043LP7FE Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Data Sheet
HMC7043
Rev. B | Page 19 of 43
Table 10. Basic Divider Controls
Bit Name
Description
Channel Enable
Channel enable. If set to 0, the channel is disabled. If set to 1, the channel can be enabled depending on the
settings of the Start-Up Mode[1:0], Seven Pairs of 14-Channel Outputs Enable[6:0], and sleep mode bits.
12-Bit Channel Divider[11:0]
Divide ratio.12-bit divide ratio, split across two words (MSB and LSB). Set to 0 if not using the channel divider
(Output Mux Selection[1:0] = 2 or 3)
High Performance Mode
High performance mode. Adjusts the divider and buffer bias to improve swing/phase noise slightly at the expense of
power. The performance advantage is about 1 dB, and the current penalty depends on whether the divider is enabled.
Coarse Digital Delay[4:0]
Digital delay. Adjusts the phase of the divider signal by up to 17 ½ cycles of the clock input. This circuit is
practically noiseless; however, note that a low amount of additional current is consumed.
Fine Analog Delay[4:0]
Analog delay. Adjusts the delay of the divider signal in increments of ~25 ps. Set Output Mux Selection[1:0] = 1
to expose this channel. Exposing this channel causes phase noise degradation of up to 12 dB; therefore, do not use
on noise sensitive DCLK channels.
Output Mux Selection[1:0]
Output mux selection. 00 = divider channel, 01 = analog delay, 10 = other channel of pair, 11 = input clock.
Fundamental mode can be generated with the divider (12-Bit Channel Divider[11:0] = 1), or via Output Mux
Selection[1:0] = 10 and 12-Bit Channel Divider[11:0] = 0. Because the divider path consumes power and degrades
phase noise slightly, the fundamental mux path is recommended, but at a cost of a deterministic skew vs. a path
that is divider-based. Such skew can be compensated for with delay (digital and analog) on the divider-based
path.
Force Mute[1]
Force mute. If 1, and the channel enable is true (channel enable = 1) and Force Mute[0] = 0, the signal just
before the output buffer is asynchronously forced to Logic 0. To see the effect of this, the output buffer must
be enabled, which is dependent on the dynamic driver enable and Start-Up Mode[1:0] controls.
Table 11. Channel Features
Bit Name
Description
Slip Enable
Slip enable. A channel processes slip requests broadcast from the SPI or GPI (or, if multislip enable = 1, initiated
following a recognized SYNC or pulse generator startup).
SYNC Enable
SYNC enable. A channel processes synchronization events broadcast from the SPI or GPI or due to SYNC/RF SYNC (via
the SYSREF FSM) to reset the phase. This signal can be safely toggled on and off to adjust SYNC sensitivity without
risking the state of the divider.
Start-Up Mode[1:0]
00 = asynchronous (normal mode). The divider starts with uncontrolled phase. It is rephased by SYNC events if SYNC
enable = 1.
11 = dynamic (pulse generator mode). The divider monitors pulse generator events broadcast from the SYSREF
controller. It is powered up just before a pulse generator chain, rephased at the start, and powered down after the
pulse generator chain. This mode is only supported for divide ratios > 31.
Table 12. Pulse Generator Mode Behavior Options
Bit Name
Description
Dynamic Driver Enable
Dynamic output buffer enable (pulse generator mode only).
0 = the output buffer is simply enabled/disabled with the main channel enable.
1 = the output buffer enable is controlled together with the channel divider, which allows it to dynamically power
down outside pulse generator events.
Force Mute[0]
Idle at Logic 0 (pulse generator mode only).
1 = if the buffer remains on outside of the pulse generator chain, drive to Logic 0.
0 = if the buffer remains on outside of the pulse generator chain, allow the outputs to float naturally to
approximately VCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com