Electronic Components Datasheet Search
  English  ▼

X  

HMC7043LP7FE Datasheet(PDF) 14 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 10Page - Analog Devices HMC7043LP7FE Datasheet HTML 11Page - Analog Devices HMC7043LP7FE Datasheet HTML 12Page - Analog Devices HMC7043LP7FE Datasheet HTML 13Page - Analog Devices HMC7043LP7FE Datasheet HTML 14Page - Analog Devices HMC7043LP7FE Datasheet HTML 15Page - Analog Devices HMC7043LP7FE Datasheet HTML 16Page - Analog Devices HMC7043LP7FE Datasheet HTML 17Page - Analog Devices HMC7043LP7FE Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Data Sheet
HMC7043
Rev. B | Page 13 of 43
TYPICAL APPLICATION CIRCUITS
100Ω
0.1µF
0.1µF
DOWNSTREAM
DEVICE
LVDS
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7043
Figure 15. AC-Coupled LVDS Output Driver
0.1µF
0.1µF
DOWNSTREAM
DEVICE
CML
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7043
100Ω
100Ω
VCC
100Ω
Figure 16. AC-Coupled CML (Configured High-Z) Output Driver
0.1µF
0.1µF
DOWNSTREAM
DEVICE
CML
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7043
100Ω
100Ω
VCC
100Ω
Figure 17. AC-Coupled CML (Internal) Output Driver
0.1µF
0.1µF
SELF BIASED
REF, VCXO
INPUTS
HMC7043
Figure 18. CLKIN/CLKIN , RFSYNCIN Input Differential Mode
100Ω
DOWNSTREAM
DEVICE
LVDS
OUTPUT
HIGH
IMPEDANCE
INPUT
HMC7043
Figure 19. DC-Coupled LVDS Output Driver
DOWNSTREAM
DEVICE
(LVPECL)
LVPECL-
COMPATIBLE
OUTPUT
HMC7043
50Ω
50Ω
50Ω
GND
Figure 20. DC-Coupled LVPECL Output Driver
CML
OUTPUT
HMC7043
100Ω
100Ω
VCC
DOWNSTREAM
DEVICE
(CML)
Figure 21. DC-Coupled CML (Internal) Output Driver
0.1µF
HMC7043
3.3V
DRIVER
0.1µF
Figure 22. CLKIN, RFSYNCIN Input Single-Ended Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com