Electronic Components Datasheet Search
  English  ▼

X  

HMC7043LP7FE Datasheet(PDF) 1 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 1 Page - Analog Devices

  HMC7043LP7FE Datasheet HTML 1Page - Analog Devices HMC7043LP7FE Datasheet HTML 2Page - Analog Devices HMC7043LP7FE Datasheet HTML 3Page - Analog Devices HMC7043LP7FE Datasheet HTML 4Page - Analog Devices HMC7043LP7FE Datasheet HTML 5Page - Analog Devices HMC7043LP7FE Datasheet HTML 6Page - Analog Devices HMC7043LP7FE Datasheet HTML 7Page - Analog Devices HMC7043LP7FE Datasheet HTML 8Page - Analog Devices HMC7043LP7FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
High Performance, 3.2 GHz, 14-Output
Fanout Buffer
Data Sheet
HMC7043
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
JEDEC JESD204B support
Low additive jitter: <15 fs rms at 2457.6 MHz (12 kHz to 20 MHz)
Very low noise floor: −155.2 dBc/Hz at 983.04 MHz
Up to 14 LVDS, LVPECL, or CML type device clocks (DCLKs)
Maximum CLKOUTx/CLKOUTx and SCLKOUTx/SCLKOUTx
frequency of 3200 MHz
JESD204B-compatible system reference (SYSREF) pulses
25 ps analog and ½ clock input cycle digital delay
independently programmable on each of 14 clock
output channels
SPI-programmable adjustable noise floor vs. power consumption
SYSREF valid interrupt to simplify JESD204B synchronization
Supports deterministic synchronization of multiple
HMC7043 devices
RFSYNCIN pin or SPI-controlled SYNC trigger for output
synchronization of JESD204B
GPIO alarm/status indicator to determine system health
Clock input to support up to 6 GHz
48-lead, 7 mm × 7 mm LFCSP package
APPLICATIONS
JESD204B clock generation
Cellular infrastructure (multicarrier GSM, LTE, W-CDMA)
Data converter clocking
Phase array reference distribution
Microwave baseband cards
GENERAL DESCRIPTION
The HMC7043 is a high performance clock buffer for the
distribution of ultralow phase noise references for high speed data
converters with either parallel or serial (JESD204B type) interfaces.
The HMC7043 is designed to meet the requirements of multicarrier
GSM and LTE base station designs, and offers a wide range of
clock management and distribution features to simplify baseband
and radio card clock tree designs.
The HMC7043 provides 14 low noise and configurable outputs
to offer flexibility in interfacing with many different components in
a base transceiver station (BTS) system, such as data converters,
local oscillators, transmit/receive modules, field programmable
gate arrays (FPGAs), and digital front-end ASICs. The HMC7043
can generate up to seven DCLK and SYSREF clock pairs per the
JESD204B interface requirements.
The system designer can generate a lower number of DCLK and
SYSREF pairs, and configure the remaining output signal paths
for independent phase and frequency. Both the DCLK and SYSREF
clock outputs can be configured to support different signaling
standards, including CML, LVDS, LVPECL, and LVCMOS, and
different bias conditions to adjust for varying board insertion losses.
One of the unique features of the HMC7043 is the independent
flexible phase management of each of the 14 channels. All
14 channels feature both frequency and phase adjustment. The
outputs can also be programmed for 50 Ω or 100 Ω internal and
external termination options.
The HMC7043 device features an RF SYNC feature that synchro-
nizes multiple HMC7043 devices deterministically, that is, ensures
that all clock outputs start with the same edge. This operation is
achieved by rephrasing the nested HMC7043 or SYSREF control
unit/divider, deterministically, and then restarting the output
dividers with this new phase.
The HMC7043 is offered in a 48-lead, 7 mm × 7 mm LFCSP
package with an exposed pad connected to ground.
FUNCTIONAL BLOCK DIAGRAM
CLKIN/
CLKIN
RFSYNCIN/
RFSYNCIN
SDATA
SPI
CONTROL
INTERFACE
SLEN
SCLK
14-CLOCK
DISTRIBUTION
÷
SYSREF
CONTROL
CLKOUT0
CLKOUT0
SCLKOUT1
SCLKOUT1
CLKOUT12
CLKOUT12
SCLKOUT13
SCLKOUT13
÷
Figure 1.


Similar Part No. - HMC7043LP7FE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7043 AD-HMC7043 Datasheet
860Kb / 10P
Evaluating the HMC7044 Dual Loop Clock Jitter Cleaner
Rev. 0
HMC7043B AD-HMC7043B Datasheet
1Mb / 44P
High-Performance, 3.2 GHz, 14-Output Clock Distributor with JESD204B/JESD204C
Rev. A
HMC7043BLP7FE AD-HMC7043BLP7FE Datasheet
1Mb / 44P
High-Performance, 3.2 GHz, 14-Output Clock Distributor with JESD204B/JESD204C
Rev. A
HMC7043BLP7FETR AD-HMC7043BLP7FETR Datasheet
1Mb / 44P
High-Performance, 3.2 GHz, 14-Output Clock Distributor with JESD204B/JESD204C
Rev. A
More results

Similar Description - HMC7043LP7FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK0482X TI1-LMK0482X Datasheet
2Mb / 114P
JEDEC JESD204B Support
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
logo
Analog Devices
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
LTC6952 AD-LTC6952 Datasheet
949Kb / 80P
Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
logo
Texas Instruments
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com