Electronic Components Datasheet Search
  English  ▼

X  

HMC7043LP7FE Datasheet(PDF) 23 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 19Page - Analog Devices HMC7043LP7FE Datasheet HTML 20Page - Analog Devices HMC7043LP7FE Datasheet HTML 21Page - Analog Devices HMC7043LP7FE Datasheet HTML 22Page - Analog Devices HMC7043LP7FE Datasheet HTML 23Page - Analog Devices HMC7043LP7FE Datasheet HTML 24Page - Analog Devices HMC7043LP7FE Datasheet HTML 25Page - Analog Devices HMC7043LP7FE Datasheet HTML 26Page - Analog Devices HMC7043LP7FE Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
HMC7043
Data Sheet
Rev. B | Page 22 of 43
Clock Grouping, Skew, and Crosstalk
Although the output channels are logically independent, for
physical reasons, they are first grouped into pairs, called clock
groups. Each clock group shares a reference, an input buffer,
and a SYNC retime flip flop originating from the clock
distribution network.
The second level of grouping is according to the supply pin. Clock
Group 1 (Channel 2 and Channel 3) is on an independent supply,
and the other supply pins are each responsible for two clock groups.
As the output channels are more tightly coupled (by sharing a
clock group or by sharing a supply pin), the skew is minimized.
However, the isolation between those channels suffers.
Table 15 shows the clock grouping by location, and Table 16
show the typical skew and isolation that can be expected and how
it scales with distance between output channels.
Isolation improves as either the aggressor or the affected
frequencies decrease. Nevertheless, for particularly important
clock channels where spurious tones must be minimized, carefully
consider their frequency and channel configurations to isolate
continuously running frequencies onto different supply domains.
Channels configured as pulse generators are normally not an
issue, because they are disabled during normal operation.
Table 15. Supply Pin Clock Grouping by Location
Supply Pin
Location
Clock Group
Channel
VCC2_OUT
Southwest
1
2
3
VCC3_OUT
South
2
4
5
3
6
7
VCC6_OUT
Northeast
4
8
9
5
10
11
VCC7_OUT
Northwest
6
12
13
0
0
1
Table 16. Typical Skew and Isolation vs. Distance
Distance
Typical
Skew (ps)
1 GHz Isolation,
Differential (dB)
Distant Supply Group
±20
90 to 100
Closest Neighbor on
Different Supply Group
±15
70
Shared Supply
±10
60
Same Clock Group
±10
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com