Electronic Components Datasheet Search
  English  ▼

X  

MXB7846EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MXB7846EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 9Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 10Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 11Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Pin Description
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
8
_______________________________________________________________________________________
CS
DCLK
DIN
DOUT
BUSY
tBDV
tDV
tCSS
tCL
tCH
tDS
tDH
tCP
tDO
tBD
tTR
tBTR
tCSH
Figure 1. Detailed Serial Interface Timing
PIN
NAME
FUNCTION
1VDD
Positive Supply Voltage. Connect to pin 10.
2X+
X+ Position Input, ADC Input Channel 1
3Y+
Y+ Position Input, ADC Input Channel 2
4X-
X- Position Input
5Y-
Y- Position Input
6
GND
Ground
7
BAT
Battery Monitoring Inputs; ADC Input Channel 3
8
AUX
Auxiliary Input to ADC; ADC Input Channel 4
9
REF
Voltage Reference Output/Input. Reference voltage for analog-to-digital conversion. In internal
reference mode, the reference buffer provides a 2.50V nominal output. In external reference mode,
apply a reference voltage between 1V and VDD. Bypass REF to GND with a 0.1µF capacitor.
10
VDD
Positive Supply Voltage, +2.375V (2.70V) to +5.25V. External (internal) reference. Bypass with a 1µF
capacitor. Connect to pin 1.
11
PENIRQ
Pen Interrupt Output. Open anode output. 10k
Ω to 100kΩ pullup resistor required to VDD.
12
DOUT
Serial Data Output. Data changes state on the falling edge of DCLK. High impedance when CS is
HIGH.
13
BUSY
Busy Output. BUSY pulses high for one clock period before the MSB decision. High impedance when
CS is HIGH.
14
DIN
Serial Data Input. Data clocked in on the rising edge of DCLK.
15
CS
Active-Low Chip Select. Data is only clocked into DIN when CS is low. When CS is HIGH, DOUT and
BUSY are high impedance.
16
DCLK
Serial Clock Input. Clocks data in and out of the serial interface and sets the conversion speed (duty
cycle must be 40% to 60%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com