Electronic Components Datasheet Search
  English  ▼

X  

MXB7846EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MXB7846EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 9Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 10Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 11Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 12Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 13Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
10
______________________________________________________________________________________
6-TO-1
MUX
VDD
REF
X+
X-
Y+
Y-
12-BIT ADC
PENIRQ
BAT
AUX
SERIAL
DATA
INTERFACE
DIN
CS
DCLK
BUSY
PENIRQ
DOUT
BATTERY
MONITOR
TEMPERATURE
SENSOR
2.5V
REFERENCE
Functional Diagram
A2
A1
A0
MEASUREMENT
ADC INPUT CONNECTION
DRIVERS ON
00
0
Temp0
Temp0
—
00
1Y position
X+
Y+, Y-
01
0
BAT
BAT
—
01
1Z1X+
X-, Y+
10
0Z2Y-
X-, Y+
10
1
X- position
Y+
X-, X+
11
0
AUX
AUX
—
11
1
Temp1
Temp1
—
Table 1. Input Configuration, Single-Ended Reference Mode (SER/DFR HIGH)
A2
A1
A0
ADC +REF
CONNECTION TO
ADC -REF
CONNECTION TO
ADC INPUT
CONNECTION TO
MEASUREMENT
PERFORMED
DRIVER ON
00
1Y+Y-X+Y position
Y+, Y-
01
1Y+Y-X+
Z1 position
Y+, X-
01
0X+X-Y-
Z2 position
Y+, X-
10
1X+X-Y+X position
X+, X-
Table 2. Input Configuration, Differential Reference Mode (SER/DFR LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com