Electronic Components Datasheet Search
  English  ▼

X  

MXB7846EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MXB7846EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 9Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 10Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 11Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 12Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
_______________________________________________________________________________________
9
Detailed Description
The MXB7846 uses a successive-approximation conver-
sion technique to convert analog signals to a 12-bit digi-
tal output. An SPI/QSPI/MICROWIRE™-compatible serial
interface provides easy communication to a micro-
processor (µP). It features an internal 2.5V reference, an
on-chip temperature sensor, a battery monitor, and a
4-wire touch-screen interface (Functional Diagram).
Analog Inputs
Figure 2 shows a block diagram of the analog input sec-
tion that includes the input multiplexer of the MXB7846,
the differential signal inputs of the ADC, and the differ-
ential reference inputs of the ADC. The input multiplexer
switches between X+, X-, Y+, Y-, AUX, BAT, and the
internal temperature sensor.
In single-ended mode, conversions are performed using
REF as the reference. In differential mode, ratiometric
conversions are performed with REF+ connected to X+ or
Y+, and REF- connected to X- or Y-. Configure the refer-
ence and switching matrix according to Tables 1 and 2.
During the acquisition interval, the selected channel
charges the sampling capacitance. The acquisition
interval starts on the fifth falling clock edge and ends
on the eighth falling clock edge.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens, and more time must be
allowed between conversions. The acquisition time
(tACQ) is the maximum time the device takes to acquire
the input signal to 12-bit accuracy. Calculate tACQ with
the following equation:
where RIN = 2kΩ and RS is the source impedance of
the input signal.
Source impedances below 1kΩ do not significantly affect
the ADC’s performance. Accommodate higher source
impedances by either slowing down DCLK or by placing
a 1µF capacitor between the analog input and GND.
tR
R
pF
ACQ
S
IN
.
=×
+
() ×
84
25
MICROWIRE is a trademark of National Semiconductor Corp.
+VDD
PENIRQ
TEMP1
VREF
A2–A0
(SHOWN 001B)
SER/DFR
(SHOWN HIGH)
GND
X+
X-
Y+
Y-
12-BIT ADC
AUX
VBAT
REF+
REF-
REF ON/OFF
7.5kΩ
2.5kΩ
2.5V
REFERENCE
BATTERY
ON
+IN
-IN
TEMP0
MXB7846
Figure 2. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com