Electronic Components Datasheet Search
  English  ▼

X  

MXB7846EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MXB7846EEE Datasheet HTML 13Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 14Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 15Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 16Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 17Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 18Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 19Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 20Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
______________________________________________________________________________________
17
Data Format
The MXB7846 output data is in straight binary format as
shown in Figure 12. This figure shows the ideal output
code for the given input voltage and does not include
the effects of offset, gain, or noise.
Applications Information
Basic Operation of the MXB7846
The 4-wire touch-screen controller works by creating a
voltage gradient across the vertical or horizontal resis-
tive network connected to the MXB7846, as shown in
the Typical Application Circuit. The touch screen is
biased through internal MOSFET switches that connect
each resistive layer to VDD and ground on an alternate
basis. For example, to measure the Y position when a
pointing device presses on the touch screen, the Y+
and Y- drivers are turned on, connecting one side of
the vertical resistive layer to VDD and the other side to
ground. In this case, the horizontal resistive layer func-
tions as a sense line. One side of this resistive layer
gets connected to the X+ input, while the other side is
left open or floating. The point where the touch screen
is pressed brings the two resistive layers in contact and
forms a voltage-divider at that point. The data converter
senses the voltage at the point of contact through the
X+ input and digitizes it. The horizontal layer resistance
does not introduce any error in the conversion because
no DC current is drawn.
The conversion process of the analog input voltage to
digital output is controlled through the serial interface
between the A/D converter and the µP. The processor
controls the MXB7846 configuration through a control
byte (see Tables 3 and 4). Once the processor instructs
18
16
18
16
DCLK
CONTROL BYTE 0
CONTROL BYTE 1
S
S
CONVERSION RESULT 0
CONVERSION RESULT 1
B11 B10 B9 B8 B7 B6
B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
DIN
DOUT
BUSY
. . .
. . .
. . .
. . .
. . .
CS
Figure 11. 16-Clock/Conversion Timing
18
15
1
8
15
1
DCLK
DIN
DOUT
BUSY
S
CONTROL BYTE 0
CONTROL BYTE 1
CONTROL BYTE 2
S
S
CONVERSION RESULT 0
CONVERSION RESULT 1
B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
CS
Figure 10. 15-Clock/Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com