Electronic Components Datasheet Search
  English  ▼

X  

MXB7846EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MXB7846EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MXB7846EEE Datasheet HTML 1Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 2Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 3Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7846EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
4
_______________________________________________________________________________________
Note 1: Tested at VDD = 2.7V.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: Offset nulled.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 5: Resistance measured from the source to drain of the switch.
Note 6: External load should not change during conversion for specified accuracy.
Note 7: ADC performance is limited by the conversion noise floor, typically 300µVP-P. An external reference below 2.5V can com-
promise the ADC performance.
Note 8: Difference between Temp0 and Temp1. No calibration necessary.
TIMING CHARACTERISTICS (Figure 1)
(VDD = 2.7V to 3.6V, VREF = 2.5V, fDCLK = 2MHz (50% duty cycle), fSAMPLE = 125kHz, 12-bit mode, 0.1µF capacitor at REF, TA =
TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (Figure 1)
Acquisition Time
tACQ
1.5
µs
DCLK Clock Period
tCP
500
ns
DCLK Pulse Width High
tCH
200
ns
DCLK Pulse Width Low
tCL
200
ns
DIN-to-DCLK Setup Time
tDS
100
ns
DIN-to-DCLK Hold Time
tDH
0ns
CS Fall-to-DCLK Rise Setup Time
tCSS
100
ns
CS Rise-to-DCLK Rise Ignore
tCSH
0ns
DCLK Falling-to-DOUT Valid
tDO
CLOAD = 50pF
200
ns
CS Rise-to-DOUT Disable
tTR
CLOAD = 50pF
200
ns
CS Fall-to-DOUT Enable
tDV
CLOAD = 50pF
200
ns
DCLK Falling-to-BUSY Rising
tBD
200
ns
CS Falling-to-BUSY Enable
tBDV
200
ns
CS Rise-to-BUSY Disable
tBTR
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com