Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 67Page - Cypress Semiconductor MB91F467DB Datasheet HTML 68Page - Cypress Semiconductor MB91F467DB Datasheet HTML 69Page - Cypress Semiconductor MB91F467DB Datasheet HTML 70Page - Cypress Semiconductor MB91F467DB Datasheet HTML 71Page - Cypress Semiconductor MB91F467DB Datasheet HTML 72Page - Cypress Semiconductor MB91F467DB Datasheet HTML 73Page - Cypress Semiconductor MB91F467DB Datasheet HTML 74Page - Cypress Semiconductor MB91F467DB Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 71 of 137
MB91460D Series
13. Interrupt Vector Table
(Continued)
Interrupt
Interrupt
number
Interrupt level *1
Interrupt vector *2
DMA
Resource
number
Decimal
Hexa-
decimal
Setting
Register
Register
address
Offset
Default Vector
address
Reset
0
00
—
—
3FCH
000FFFFCH
—
Mode vector
1
01
—
—
3F8H
000FFFF8H
—
System reserved
2
02
—
—
3F4H
000FFFF4H
—
System reserved
3
03
—
—
3F0H
000FFFF0H
—
System reserved
4
04
—
—
3ECH
000FFFECH
—
CPU supervisor mode
(INT #5 instruction) *5
505
—
—
3E8H
000FFFE8H
—
Memory Protection exception *5
606
—
—
3E4H
000FFFE4H
—
System reserved
7
07
—
—
3E0H
000FFFE0H
—
System reserved
8
08
—
—
3DCH
000FFFDCH
—
System reserved
9
09
—
—
3D8H
000FFFD8H
—
System reserved
10
0A
—
—
3D4H
000FFFD4H
—
System reserved
11
0B
—
—
3D0H
000FFFD0H
—
System reserved
12
0C
—
—
3CCH
000FFFCCH
—
System reserved
13
0D
—
—
3C8H
000FFFC8H
—
Undefined instruction exception
14
0E
—
—
3C4H
000FFFC4H
—
NMI request
15
0F
FH fixed
3C0H
000FFFC0H
—
External Interrupt 0
16
10
ICR00
440H
3BCH
000FFFBCH
0, 16
External Interrupt 1
17
11
3B8H
000FFFB8H
1, 17
External Interrupt 2
18
12
ICR01
441H
3B4H
000FFFB4H
2, 18
External Interrupt 3
19
13
3B0H
000FFFB0H
3, 19
External Interrupt 4
20
14
ICR02
442H
3ACH
000FFFACH
20
External Interrupt 5
21
15
3A8H
000FFFA8H
21
External Interrupt 6
22
16
ICR03
443H
3A4H
000FFFA4H
22
External Interrupt 7
23
17
3A0H
000FFFA0H
23
External Interrupt 8
24
18
ICR04
444H
39CH
000FFF9CH
—
External Interrupt 9
25
19
398H
000FFF98H
—
External Interrupt 10
26
1A
ICR05
445H
394H
000FFF94H
—
System reserved
27
1B
390H
000FFF90H
—
External Interrupt 12
28
1C
ICR06
446H
38CH
000FFF8CH
—
External Interrupt 13
29
1D
388H
000FFF88H
—
External Interrupt 14
30
1E
ICR07
447H
384H
000FFF84H
—
System reserved
31
1F
380H
000FFF80H
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com