Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 84 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 84 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 80Page - Cypress Semiconductor MB91F467DB Datasheet HTML 81Page - Cypress Semiconductor MB91F467DB Datasheet HTML 82Page - Cypress Semiconductor MB91F467DB Datasheet HTML 83Page - Cypress Semiconductor MB91F467DB Datasheet HTML 84Page - Cypress Semiconductor MB91F467DB Datasheet HTML 85Page - Cypress Semiconductor MB91F467DB Datasheet HTML 86Page - Cypress Semiconductor MB91F467DB Datasheet HTML 87Page - Cypress Semiconductor MB91F467DB Datasheet HTML 88Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 84 of 137
MB91460D Series
*1 : The parameter is based on VSS5 = HVSS5 = AVSS5 = 0.0 V.
*2 : AVCC5 and AVRH5 must not exceed VDD5 0.3 V.
*3 : • Use within recommended operating conditions.
• Use with DC voltage (current).
•
B signals are input signals that exceed the V
DD5 voltage. B signals should always be applied by connecting a limiting
resistor or between the
B signal and the microcontroller.
• The value of the limiting resistor should be set so that the current input to the microcontroller pin does not exceed the rated
value at any time, either instantaneously or for an extended period
, when the
B signal is input.
• Note that when the microcontroller drive current is low, such as in the low power consumption modes, the
B input potential
can increase the potential at the power supply pin via a protective diode, possibly affecting other devices.
• Note that if the
B signal is input when the microcontroller is off (not fixed at 0 V), power is supplied through the +B input pin;
therefore, the microcontroller may partially operate.
• Note that if the
B signal is input at power-on, since the power is supplied through the pin, the power-on reset may not function
in the power supply voltage.
• Do not leave
B input pins open.
•
Example of recommended circuit :
“H” level total maximum
output current
IOH
—
 100
mA
—
 360
mA
Stepper motor controller
“H” level total average output
current*6
IOHAV
—
 25
mA
—
 230
mA
Stepper motor controller
Power consumption
PD
—
1000
mW
at TA = 105°C
Operating temperature
TA
 40
 105
°C
Storage temperature
Tstg
 55
 150
°C
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
P-ch
N-ch
VCC
R
Input/output equivalent circuit
B input (0 V to 16 V)
Limiting
resistor
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com