Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 87Page - Cypress Semiconductor MB91F467DB Datasheet HTML 88Page - Cypress Semiconductor MB91F467DB Datasheet HTML 89Page - Cypress Semiconductor MB91F467DB Datasheet HTML 90Page - Cypress Semiconductor MB91F467DB Datasheet HTML 91Page - Cypress Semiconductor MB91F467DB Datasheet HTML 92Page - Cypress Semiconductor MB91F467DB Datasheet HTML 93Page - Cypress Semiconductor MB91F467DB Datasheet HTML 94Page - Cypress Semiconductor MB91F467DB Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 91 of 137
MB91460D Series
15.4 A/D converter characteristics
(VDD5 = AVCC5 = 3.0 V to 5.5 V, VSS5 = AVSS5 = 0 V, TA = 40°C to  105°C)
(Continued)
Note : The accuracy gets worse as AVRH - AVRL becomes smaller
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
—
—
—
—
10
bit
Total error
—
—
 3—
 3LSB
Nonlinearity error
—
—
 2.5
—
 2.5
LSB
Differential nonlinearity error
—
—
 1.9
—
 1.9
LSB
Zero reading voltage
VOT
ANn
AVRL
1.5 LSB
AVRL
0.5 LSB
AVRL
2.5 LSB
V
Full scale reading voltage
VFST
ANn
AVRH
3.5 LSB
AVRH
1.5 LSB
AVRH
0.5 LSB
V
Compare time
Tcomp
—
0.6
—
16,500
μs
4.5 V
 AVCC5 
5.5 V
2.0
—
—
μs
3.0 V
 AVCC5 
4.5 V
Sampling time
Tsamp
—
0.4
—
—
μs
4.5 V
 AVCC5 
5.5 V,
REXT < 2 kΩ
1.0
—
—
μs
3.0 V
 AVCC5 
4.5 V,
REXT < 1 kΩ
Conversion time
Tconv
—
1.0
—
—
μs
4.5 V
 AVCC5 
5.5 V
3.0
—
—
μs
3.0 V
 AVCC5 
4.5 V
Input capacitance
CIN
ANn
—
—
11
pF
Input resistance
RIN
ANn
——
2.6
kΩ
4.5 V
 AVCC5 
5.5 V
—
—
12.1
kΩ
3.0 V
 AVCC5 
4.5 V
Analog input leakage current
IAIN
ANn
 1—
 1
μATA =  25°C
 3—
 3
μATA =  105°C
Analog input voltage range
VAIN
ANn
AVRL
—
AVRH
V
Offset between input channels
—
ANn
—
—
4
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com