Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 87 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 87 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 83Page - Cypress Semiconductor MB91F467DB Datasheet HTML 84Page - Cypress Semiconductor MB91F467DB Datasheet HTML 85Page - Cypress Semiconductor MB91F467DB Datasheet HTML 86Page - Cypress Semiconductor MB91F467DB Datasheet HTML 87Page - Cypress Semiconductor MB91F467DB Datasheet HTML 88Page - Cypress Semiconductor MB91F467DB Datasheet HTML 89Page - Cypress Semiconductor MB91F467DB Datasheet HTML 90Page - Cypress Semiconductor MB91F467DB Datasheet HTML 91Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 87 of 137
MB91460D Series
15.3 DC characteristics
Note: In the following tables, “VDD” means VDD35 for pins of ext. bus or HVDD5 for SMC pins or VDD5 for other pins.
In the following tables, “VSS” means Hvss5 for ground Pins of the stepper motor and VSS5 for the other pins.
(VDD5 = AVCC5 = 3.0 V to 5.5 V, VSS5 = AVSS5 = 0 V, TA = 40°C to  105°C)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input “H”
voltage
VIH
—
Port inputs if CMOS
Hysteresis 0.8/0.2
input is selected
0.8 × VDD
—VDD  0.3
V
CMOS hysteresis
input
—
Port inputs if CMOS
Hysteresis 0.7/0.3
input is selected
0.7 × VDD
—VDD  0.3
V
4.5 V
 VDD  5.5 V
0.74 × VDD
—VDD  0.3
V
3 V
 VDD < 4.5 V
—
AUTOMOTIVE
Hysteresis input is
selected
0.8 × VDD
—VDD  0.3
V
—
Port inputs if TTL
input is selected
2.0
—
VDD  0.3
V
VIHR
INITX
—
0.8 × VDD
—VDD  0.3
V
INITX input pin
(CMOS Hysteresis)
VIHM
MD_2 to MD_0
—
VDD  0.3
—
VDD  0.3
V
Mode input pins
VIHX0S
X0, X0A
—
2.5
—
VDD  0.3
V
External clock in
“Oscillation mode”
VIHX0F
X0
—
0.8 × VDD
—VDD  0.3
V
External clock in “Fast
Clock Input mode”
Input “L”
voltage
VIL
—
Port inputs if CMOS
Hysteresis 0.8/0.2
input is selected
VSS  0.3
—
0.2 × VDD
V
—
Port inputs if CMOS
Hysteresis 0.7/0.3
input is selected
VSS  0.3
—
0.3 × VDD
V
—
Port inputs if
AUTOMOTIVE
Hysteresis input is
selected
VSS  0.3
—
0.5 × VDD
V
4.5 V
 VDD  5.5 V
VSS  0.3
—
0.46 × VDD
V3 V
 VDD < 4.5 V
—
Port inputs if TTL
input is selected
VSS  0.3
—
0.8
V
VILR
INITX
—
VSS  0.3
—
0.2 × VDD
V
INITX input pin
(CMOS Hysteresis)
VILM
MD_2 to MD_0
—
VSS  0.3
—
VSS  0.3
V
Mode input pins
VILXDS
X0, X0A
—
VSS  0.3
—
0.5
V
External clock in
“Oscillation mode”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com