Electronic Components Datasheet Search
  English  ▼

X  

MB91F467DB Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # MB91F467DB
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F467DB Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button MB91F467DB Datasheet HTML 79Page - Cypress Semiconductor MB91F467DB Datasheet HTML 80Page - Cypress Semiconductor MB91F467DB Datasheet HTML 81Page - Cypress Semiconductor MB91F467DB Datasheet HTML 82Page - Cypress Semiconductor MB91F467DB Datasheet HTML 83Page - Cypress Semiconductor MB91F467DB Datasheet HTML 84Page - Cypress Semiconductor MB91F467DB Datasheet HTML 85Page - Cypress Semiconductor MB91F467DB Datasheet HTML 86Page - Cypress Semiconductor MB91F467DB Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 137 page
background image
Document Number: 002-04613 Rev. *A
Page 83 of 137
MB91460D Series
15. Electrical Characteristics
15.1 Absolute maximum ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply slew rate
—
—
50
V/ms
Power supply voltage 1*1
VDD5R
 0.3
 6.0
V
Power supply voltage 2*1
VDD5
 0.3
 6.0
V
Power supply voltage 3*1
HVDD5
 0.3
 6.0
V
Power supply voltage 4*1
VDD35
 0.3
 6.0
V
Relationship of the supply voltages
HVDD5
VDD5-0.3
VDD5+0.3
V
SMC mode
VSS5-0.3
VDD5+0.3
V
General purpose port mode
AVCC5
VDD5-0.3
VDD5+0.3
V
At least one pin of the Ports
25 to 29 (SMC, ANn) is used
as digital input or output.
VSS5-0.3
VDD5+0.3
V
All pins of the Ports 25 to 29
(SMC, ANn) follow the
condition of VIA
Analog power supply voltage*1
AVCC5
 0.3
 6.0
V
*2
Analog reference
power supply voltage*1
AVRH5
 0.3
 6.0
V
*2
Input voltage 1*1
VI1
Vss5
 0.3
VDD5  0.3
V
Input voltage 2*1
VI2
Vss5
 0.3
VDD35  0.3
V
External bus
Input voltage 3*1
VI3
HVss5
 0.3
HVDD5  0.3
V
Stepper motor controller
Analog pin input voltage*1
VIA
AVss5
 0.3
AVcc5
 0.3
V
Output voltage 1*1
VO1
Vss5
 0.3
VDD5  0.3
V
Output voltage 2*1
VO2
Vss5
 0.3
VDD35  0.3
V
External bus
Output voltage 3*1
VO3
HVss5
 0.3
HVDD5  0.3
V
Stepper motor controller
Maximum clamp current
ICLAMP
 4.0
 4.0
mA
*3
Total maximum clamp current
ICLAMP
—20
mA
*3
“L” level maximum
output current*4
IOL
—10
mA
—
40
mA
Stepper motor controller
“L” level average
output current*5
IOLAV
—8
mA
—
30
mA
Stepper motor controller
“L” level total maximum
output current
IOL
—
100
mA
—
360
mA
Stepper motor controller
“L” level total average
output current*6
IOLAV
—50
mA
—
230
mA
Stepper motor controller
“H” level maximum
output current*4
IOH
—
 10
mA
—
 40
mA
Stepper motor controller
“H” level average
output current*5
IOHAV
—
 4mA
—
 30
mA
Stepper motor controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com